Electronic Components Datasheet Search
  English  ▼

X  

TS4270 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4270
Description  5V Ultra Low Dropout Fixed Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4270 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4270 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary
TS4270
5V Ultra Low Dropout Fixed Voltage Regulator
2/9
Version: A07
Electrical Specifications (VIN=13.5V, -40oC≤ TJ ≤150oC, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
5mA ≤IQ ≤550mA, 6V ≤VI ≤ 26V
4.90
5
5.10
V
Output Voltage
VOUT
IQ ≤300mA: 26V ≤VI ≤ 36V
4.90
5
5.10
V
Output Current Limit
IQmax
VO =0V
650
850
--
mA
Current Consumption (Iq = II – IO)
Iq
IO =5mA,
--
1
1.5
mA
Current Consumption (Iq = II – IO)
Iq
IO =550mA,
--
55
75
mA
Current Consumption (Iq = II – IO)
Iq
IO =550mA, VI =5V
--
70
90
mA
Dropout Voltage (Note 1)
VDR
IO =550mA
--
350
700
mV
Load Regulation
REGLOAD IO = 5~550mA, VI = 6V
--
25
50
mV
Line Regulation
REGLINE IO = 5mA, VI = 6~26V
--
12
25
mV
Power Supply Ripple Rejection
PSRR
f=100Hz, Vr =0.5VSS
--
54
--
dB
Reset Generator
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Switching Threshold
VRT
4.5
4.65
4.8
V
Reset High Voltage
VROH
4.5
–
–
V
Reset Low Voltage (Note 2)
VROL
Rintern =30kΩ, 1V≤ VO ≤4.5V
–
60
–
mV
Reset Low Voltage
VROL
IR =3mA, VO =4.4V
–
200
400
mV
Reset Pull-up
R
Internally Connected to Output
18
30
46
kΩ
Lower Reset Timing Threshold
VDRL
VO < VRT
0.2
0.45
0.8
V
Charge Current
Id
VD =1V
8
14
25
uA
Upper Timing Threshold
VDU
1.4
1.8
2.3
V
Delay Time
td
CD =100nF
–
13
–
ms
Reset Reaction Time
tRR
CD =100nF
–
–
3
us
Over Voltage Protection
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Turn-off Voltage
VL, OV
42
44
46
V
Note:
1. Drop voltage = VIN - VOUT (measured when the output voltage has dropped 100 mV from the nominal value obtained
at 13.5 V input)
2. Reset peak is always lower than 1.0 V.
Pin Definitions and Functions
Pin
Symbol
Function
1
Input
Block to ground directly on the IC with ceramic capacitor
2
Reset Output
The open collector output is connected to the 5 V output via an integrated resistor of 30 kW
3
GND
Internally connected to heatsink
4
Reset Delay
Connect a capacitor to ground for delay time adjustment
5
Output
5V, block to ground with 22 mF capacitor ESR, < 3W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com