Electronic Components Datasheet Search
  English  ▼

X  

TS4270 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4270
Description  5V Ultra Low Dropout Fixed Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4270 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4270 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS4270 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary
TS4270
5V Ultra Low Dropout Fixed Voltage Regulator
1/9
Version: A07
TO-220-5L
TO-263-5L
(D
2PAK)
TO-252-5L
(DPAK)
General Description
This device is a 5V low-drop fixed-voltage regulator. The maximum input voltage is 42V (65V, ≤400 ms). Up to an
input voltage of 26V and for an output current up to 550mA it regulates the output voltage within a 2% accuracy. The
short circuit protection limits the output current of more than 650mA. The device incorporates over voltage protection
and temperature protection that disables the circuit at un-permissibly high temperatures.
Features
●
Output Voltage tolerance ≤±2%
●
Low-drop Voltage
●
Integrated Over Temperature Protection
●
Reverse Polarity Protection
●
Input Voltage up to 42V
●
Over Voltage Protection up to 65V (≤400mS)
●
Short-Circuit Proof
●
Suitable for use in Automotive Electronics
●
Wide Temperature Range
●
Adjustable Reset Time
●
ESD Protection > 4KV
Ordering Information
Part No.
Package
Packing
TS4270CZ550 C0
TO-220-5L
50pcs / Tube
TS4270CM550 RN
TO-263-5L
800pcs / 13” Reel
TS4270CP550 RO
TO-252-5L
2.5kpcs / 13” Reel
Absolute Maximum Rating (TJ =-40~150oC)
Parameter
Symbol
Limit
Unit
Input Voltage
VI
42
V
Input Voltage (t ≤ 400mS)
VI
65
V
Operating Input Voltage Range
VI
6 to 42
V
Reset Output Voltage
VR
-0.3 to 7
V
Reset Delay Voltage
VD
-0.3 to 7
V
Output Voltage
VO
-1.0 to 16
V
Ground Current
IGND
-0.5
A
Storage Temperature Range
TST
-50 to +150
oC
Junction Temperature Range
TJ
-40 to +150
oC
Thermal Information
Parameter
Symbol
Maximum
Unit
TO-263-5L
RӨJC
3
Thermal Resistance* (Junction to Case)
t <1mS
ZӨJC
2
K/W
Thermal Resistance* (Junction to Ambient)
TO-263-5L
RӨJA
65
K/W
Pin Definition:
1. Input
2. Reset Output
3. Ground
4. Reset Delay
5. Output


Similar Part No. - TS4270

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274 Datasheet
451Kb / 10P
400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274 TSC-TS4274 Datasheet
120Kb / 6P
5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
TS4274CM TSC-TS4274CM Datasheet
451Kb / 10P
400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CP TSC-TS4274CP Datasheet
451Kb / 10P
400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CP50RO TSC-TS4274CP50RO Datasheet
120Kb / 6P
5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS4270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS4274 TSC-TS4274 Datasheet
451Kb / 10P
400mA Ultra Low Dropout Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com