Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDREP.A Datasheet(PDF) 6 Page - Texas Instruments

Part # INA2134MDREP.A
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2134MDREP.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA2134MDREP.A Datasheet HTML 2Page - Texas Instruments INA2134MDREP.A Datasheet HTML 3Page - Texas Instruments INA2134MDREP.A Datasheet HTML 4Page - Texas Instruments INA2134MDREP.A Datasheet HTML 5Page - Texas Instruments INA2134MDREP.A Datasheet HTML 6Page - Texas Instruments INA2134MDREP.A Datasheet HTML 7Page - Texas Instruments INA2134MDREP.A Datasheet HTML 8Page - Texas Instruments INA2134MDREP.A Datasheet HTML 9Page - Texas Instruments INA2134MDREP.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
40
30
20
10
0
GAIN vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
10
0
–10
–20
–30
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
100
80
60
40
20
0
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
0
–PSR
+PSR
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
130
120
110
100
90
R
L = 100kW
R
L = 2kW
INPUT COMMON-MODE VOLTAGE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–20
–15
–10
–5
0
5
10
15
20
40
30
20
10
0
–10
–20
–30
–40
–50
V
REF = 0V
R
L = 2kW
V
S = ±18V
INA2134-EP
SBOS595C – MARCH 2012 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±18 V (unless otherwise noted).
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com