Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDREP.A Datasheet(PDF) 8 Page - Texas Instruments

Part # INA2134MDREP.A
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2134MDREP.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA2134MDREP.A Datasheet HTML 4Page - Texas Instruments INA2134MDREP.A Datasheet HTML 5Page - Texas Instruments INA2134MDREP.A Datasheet HTML 6Page - Texas Instruments INA2134MDREP.A Datasheet HTML 7Page - Texas Instruments INA2134MDREP.A Datasheet HTML 8Page - Texas Instruments INA2134MDREP.A Datasheet HTML 9Page - Texas Instruments INA2134MDREP.A Datasheet HTML 10Page - Texas Instruments INA2134MDREP.A Datasheet HTML 11Page - Texas Instruments INA2134MDREP.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
Load Capacitance (pF)
0
400
800
1200
1600
2000
70
60
50
40
30
20
10
0
R
L = 2kW
100mV Step
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
17
16
15
14
13
12
–12
–13
–14
–15
–16
–17
0
±20
±40
±60
±80
±100
Output Current (mA)
–55°C
–55°C
25°C
85°C
85°C
125°C
125°C
25°C
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
CL = 500pF
CL = 100pF
CL = 500pF
1ms/div
1ms/div
INA2134-EP
SBOS595C – MARCH 2012 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±18 V (unless otherwise noted).
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com