Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDREP.A Datasheet(PDF) 9 Page - Texas Instruments

Part # INA2134MDREP.A
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2134MDREP.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA2134MDREP.A Datasheet HTML 5Page - Texas Instruments INA2134MDREP.A Datasheet HTML 6Page - Texas Instruments INA2134MDREP.A Datasheet HTML 7Page - Texas Instruments INA2134MDREP.A Datasheet HTML 8Page - Texas Instruments INA2134MDREP.A Datasheet HTML 9Page - Texas Instruments INA2134MDREP.A Datasheet HTML 10Page - Texas Instruments INA2134MDREP.A Datasheet HTML 11Page - Texas Instruments INA2134MDREP.A Datasheet HTML 12Page - Texas Instruments INA2134MDREP.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
V
3
5
6
1
3
INA2134
V
OUT = V3 – V2
2
R
3
25kW
R
4
25kW
R
1
25kW
R
2
25kW
V
2
–In
+In
1µF
V–
4
1µF
V+
7
INA2134-EP
www.ti.com
SBOS595C – MARCH 2012 – REVISED MARCH 2012
APPLICATION INFORMATION
Basic Connection
Figure 2 shows the basic connections required for operation of the INA2134. Decoupling capacitors are strongly
recommended in applications with noisy or high impedance power supplies. The capacitors should be placed
close to the device pins as shown in Figure 2. All circuitry is completely independent in the dual version assuring
lowest crosstalk and normal behavior when one amplifier is overdriven or short-circuited.
As shown in Figure 2, the differential input signal is connected to pins 2 and 3. The source impedances
connected to the inputs must be nearly equal to assure good common mode rejection. A 10-
Ω mismatch in
source impedance will degrade the common-mode rejection of a typical device to approximately 74 dB. If the
source has a known impedance mismatch, an additional resistor in series with the opposite input can be used to
preserve good common-mode rejection.
Do not interchange pins 1 and 3 or pins 2 and 5, even though nominal resistor values are equal. These resistors
are laser trimmed for precise resistor ratios to achieve accurate gain and highest CMR. Interchanging these pins
would not provide specified performance.
Figure 2. Precision Difference Amplifier (Basic Power Supply and Signal Connections)
Audio Performance
The INA2134 was designed for enhanced ac performance. Very low distortion, low noise, and wide bandwidth
provide superior performance in high quality audio applications. Laser-trimmed matched resistors provide
optimum common-mode rejection (typically 90 dB), especially when compared to circuits implemented with an
operational amplifier and discrete precision resistors. In addition, high slew rate (14 V/µs) and fast settling time
(3 ms to 0.01%) ensure good dynamic performance.
The INA2134 has excellent distortion characteristics. THD+Noise is below 0.002% throughout the audio
frequency range. Up to approximately 10-kHz distortion is below the measurement limit of commonly used test
equipment. Furthermore, distortion remains relatively flat over its wide output voltage swing range (approximately
1.7 V from either supply).
Offset Voltage Trim
The INA2134 is laser trimmed for low offset voltage and drift. Most applications require no external offset
adjustment. Figure 3 shows an optional circuit for trimming the output offset voltage. The output is referred to the
output reference terminal (pin 1), which is normally grounded. A voltage applied to the Ref terminal will be
summed with the output signal. This can be used to null offset voltage as shown in Figure 3. The source
impedance of a signal applied to the Ref terminal should be less than 10
Ω to maintain good common-mode
rejection.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com