Electronic Components Datasheet Search
  English  ▼

X  

ISO121 Datasheet(PDF) 14 Page - Texas Instruments

Part # ISO121
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO121 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO121 Datasheet HTML 10Page - Texas Instruments ISO121 Datasheet HTML 11Page - Texas Instruments ISO121 Datasheet HTML 12Page - Texas Instruments ISO121 Datasheet HTML 13Page - Texas Instruments ISO121 Datasheet HTML 14Page - Texas Instruments ISO121 Datasheet HTML 15Page - Texas Instruments ISO121 Datasheet HTML 16Page - Texas Instruments ISO121 Datasheet HTML 17Page - Texas Instruments ISO121 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
ISO120/121
FIGURE 12. Synchronized-Multichannel Isolation System.
V
IN2
23
21
22
24
3
4
ISO
120
11
10
9
12
15
Ext Osc
0.3µF
PWS740-3
20pF
6
3
3
12
20k
Ω
Gnd2
4
65
PWS740-2
–V
S2
+V
S2
V+
V–
V
OUT2
16
V
IN1
23
21
22
24
3
4
ISO
120
11
10
9
12
15
Ext Osc
PWS740-3
20pF
6
3
3
12
20k
Ω
Gnd1
4
65
PWS740-2
–V
S1
+V
S1
V+
V–
V
OUT1
16
0.3µF
3
PWS740-1
5
6
4
8
V+
20µH
10µF
0.3µF
0.3µF
Up to 6
more
channels
14
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com