Electronic Components Datasheet Search
  English  ▼

X  

AF0100 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # AF0100
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF0100 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button AF0100 Datasheet HTML 4Page - YAGEO Corporation AF0100 Datasheet HTML 5Page - YAGEO Corporation AF0100 Datasheet HTML 6Page - YAGEO Corporation AF0100 Datasheet HTML 7Page - YAGEO Corporation AF0100 Datasheet HTML 8Page - YAGEO Corporation AF0100 Datasheet HTML 9Page - YAGEO Corporation AF0100 Datasheet HTML 10Page - YAGEO Corporation AF0100 Datasheet HTML 11Page - YAGEO Corporation AF0100 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan. 04, 2023 V.10
Product specification
11
12
SERIES
AC
0201 to 2512
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 10
Jan. 04, 2023
-
- 10ohm TCR upgrade to 100ppm, for 0603~2512 normal power and
0402~2512 double power.
Version 9
Aug. 02, 2022
-
- I2 dimension updated, for size 1206, size 2010, size 2512.
Version 8
Mar. 19, 2021
-
- Upgrade the working voltage of 0402 double power to 75V
Version 7
July 10, 2017
-
- Add "3W" part number coding for 13" Reel & double power
Version 6
May 31, 2017
-
- Add 10" packing
Version 5
Dec. 07, 2015
-
- Add in AC double power
Version 4
May 25, 2015
-
- Remove 7D packing
- Extend resistance range
- Add in AC0201
- Update FOS test and requirements
Version 3
Feb 13, 2014
-
- Feature description updated
- add ± 0.5%
- delete 10" taping reel
Version 2
Feb. 10, 2012
-
- Jumper criteria added
- AC1218 marking and outline figure updated
Version 1
Feb. 01, 2011
-
- Case size 1210, 1218, 2010, 2512 extended
- Test method and procedure updated
- Packing style of 7D added
Version 0
Nov. 10, 2010 -
- First issue of this specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com