Electronic Components Datasheet Search
  English  ▼

X  

AF0100 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AF0100
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF0100 Datasheet(HTML) 4 Page - YAGEO Corporation

  AF0100 Datasheet HTML 1Page - YAGEO Corporation AF0100 Datasheet HTML 2Page - YAGEO Corporation AF0100 Datasheet HTML 3Page - YAGEO Corporation AF0100 Datasheet HTML 4Page - YAGEO Corporation AF0100 Datasheet HTML 5Page - YAGEO Corporation AF0100 Datasheet HTML 6Page - YAGEO Corporation AF0100 Datasheet HTML 7Page - YAGEO Corporation AF0100 Datasheet HTML 8Page - YAGEO Corporation AF0100 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan. 04, 2023 V.10
Product specification
4
12
SERIES
AC
0201 to 2512
YNSC096
I1
I2
I1
L
L
H
W
I1
L
W
W
overcoat
protective glass
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
marking layer
inner electrode
YNSC088
Fig. 8_1 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
CONSTRUCTION
The resistors are constructed on top of an automotive grade ceramic body. Internal metal electrodes are added at
each end and connected by a resistive glaze. The resistive glaze is covered by a protective glass.
The composition of the glaze is adjusted to give the approximately required resistance value and laser trimming of this
resistive glaze achieves the value within tolerance. The whole element is covered by a protective overcoat. Size 0603 and
bigger is marked with the resistance value on top. Finally, the two external terminations (Ni / matte tin) are added, as
shown in Fig.8.
overcoat
protective glass
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
marking layer
inner electrode
YNSC088_1
Fig. 8_2 AC2010/ 2512 double power chip resistor outlines
For dimension, please refer to Table 1
0603/0805/1206/1210/
2010/2512
AC1218
Side view for all type
AC0201/0402
Fig. 9
Chip resistor dimensions
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
AC0201
0.60 ± 0.03
0.30 ± 0.03
0.23 ± 0.03
0.12 ± 0.05
0.15 ± 0.05
AC0402
1.00 ± 0.05
0.50 ± 0.05
0.32 ± 0.05
0.20 ± 0.10
0.25 ± 0.10
AC0603
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.25 ± 0.15
0.25 ± 0.15
AC0805
2.00 ± 0.10
1.25 ± 0.10
0.50 ± 0.10
0.35 ± 0.20
0.35 ± 0.20
AC1206
3.10 ± 0.10
1.60 ± 0.10
0.55 ± 0.10
0.45 ± 0.20
0.45 ± 0.20
AC1210
3.10 ± 0.10
2.60 ± 0.15
0.55 ± 0.10
0.45 ± 0.15
0.50 ± 0.20
AC1218
3.10 ± 0.10
4.60 ± 0.10
0.55 ± 0.10
0.45 ± 0.20
0.40 ± 0.20
AC2010
5.00 ± 0.10
2.50 ± 0.15
0.55 ± 0.10
0.55 ± 0.15
0.55 ± 0.20
AC2512
6.35 ± 0.10
3.10 ± 0.15
0.55 ± 0.10
0.60 ± 0.20
0.60 ± 0.20
Table 1 For outlines, please refer to Fig. 9
DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com