Electronic Components Datasheet Search
  English  ▼

X  

AF0100 Datasheet(PDF) 12 Page - YAGEO Corporation

Part # AF0100
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF0100 Datasheet(HTML) 12 Page - YAGEO Corporation

Back Button AF0100 Datasheet HTML 4Page - YAGEO Corporation AF0100 Datasheet HTML 5Page - YAGEO Corporation AF0100 Datasheet HTML 6Page - YAGEO Corporation AF0100 Datasheet HTML 7Page - YAGEO Corporation AF0100 Datasheet HTML 8Page - YAGEO Corporation AF0100 Datasheet HTML 9Page - YAGEO Corporation AF0100 Datasheet HTML 10Page - YAGEO Corporation AF0100 Datasheet HTML 11Page - YAGEO Corporation AF0100 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan. 04, 2023 V.10
Product specification
12
12
SERIES
AC
0201 to 2512
LEGAL DISCLAIMER
YAGEO, its distributors and agents (collectively, “YAGEO”), hereby disclaims any and all liabilities for any
errors, inaccuracies or incompleteness contained in any product related information, including but not limited
to product specifications, datasheets, pictures and/or graphics. YAGEO may make changes, modifications and/or
improvements to product related information at any time and without notice.
YAGEO makes no representation, warranty, and/or guarantee about the fitness of its products for any
particular purpose or the continuing production of any of its products. To the maximum extent permitted by
law, YAGEO disclaims (i) any and all liability arising out of the application or use of any YAGEO product, (ii)
any and all liability, including without limitation special, consequential or incidental damages, and (iii) any and all
implied warranties, including warranties of fitness for a particular purpose, non -infringement and
merchantability.
YAGEO statements regarding the suitability of products for certain types of applications are based on YAGEO’s
knowledge of typical operating conditions for such types of applications in a generic nature. Such statements
are neither binding statements of YAGEO nor intended to constitute any warranty concerning the suitability
for a specific customer application or use. They are intended for use only by customers with requisite
knowledge and experience for determining whether YAGEO products are the correct products for their
application or use. In addition, unpredicatable and isolated cases of product failure may still occur, therefore,
customer application or use of YAGEO products which requires higher degree of reliability or safety, shall
employ additional protective safeguard measures to ensure that product failure would not result in personal
injury or property damage.
YAGEO products are not designed for application or use in medical, life -saving, or life-sustaining devices or for
any other application or use in which the failure of YAGEO products could result in personal injury or death.
Customers using or selling YAGEO products not expressly indicated for above-mentioned purposes shall do so
at their own risk and agree to fully indemnify YAGEO and hold YAGEO harmless.
Information provided here is intended to indicate product specifications only. YAGEO reserves all the rights
for revising this content without further notification, as long as products are unchanged. Any product change
will be announced by PCN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com