Electronic Components Datasheet Search
  English  ▼

X  

LM2717MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2717MT/NOPB
Description  LM2717 Dual Step-Down DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2717MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2717MT/NOPB Datasheet HTML 1Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 2Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 3Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 4Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM2717
www.ti.com
SNVS253D – MAY 2005 – REVISED MARCH 2013
Electrical Characteristics (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range (TJ = −40°C to +125°C). VIN = 5V, IL = 0A, and FSW = 300kHz unless otherwise specified.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
ICL1
(3)
Fixed Buck Switch Current
VIN = 8V
(4)
2.2
A
Limit
ICL2
(3)
Adjustable Buck Switch
VIN = 8V
(4)
3.2
A
Current Limit
IB1
Fixed Buck FB Pin Bias
VIN = 20V
65
µA
Current(5)
IB2
Adjustable Buck FB Pin Bias
VIN = 20V
65
nA
Current(5)
VIN
Input Voltage Range
4
20
V
gm1
Fixed Buck Error Amp
ΔI = 20µA
1340
µmho
Transconductance
gm2
Adjustable Buck Error Amp
ΔI = 20µA
1360
µmho
Transconductance
AV1
Fixed Buck Error Amp Voltage
134
V/V
Gain
AV2
Adjustable Buck Error Amp
136
V/V
Voltage Gain
DMAX
Maximum Duty Cycle
89
93
%
FSW
Switching Frequency
RF = 46.4k
200
300
400
kHz
RF = 22.6k
475
600
775
kHz
ISHDN1
Fixed Buck Shutdown Pin
0V < VSHDN1 < 7.5V
−5
5
µA
Current
ISHDN2
Adjustable Buck Shutdown Pin
0V < VSHDN2 < 7.5V
−5
5
µA
Current
IL1
Fixed Buck Switch Leakage
VIN = 20V
0.01
5
µA
Current
IL2
Adjustable Buck Switch
VIN = 20V
0.01
5
µA
Leakage Current
RDSON1
Fixed Buck Switch RDSON
(6)
160
m
Ω
RDSON2
Adjustable Buck Switch
160
m
Ω
RDSON
(6)
ThSHDN1
Fixed Buck SHDN Threshold
Output High
1.8
1.36
V
Output Low
1.33
0.7
ThSHDN2
Adjustable Buck SHDN
Output High
1.8
1.36
V
Threshold
Output Low
1.33
0.7
ISS1
Fixed Buck Soft Start Pin
4
9
15
µA
Current
ISS2
Adjustable Buck Soft Start Pin
4
9
15
µA
Current
UVP
On Threshold
4
3.8
V
Off Threshold
3.6
3.3
θJA
Thermal Resistance(7)
TSSOP, package only
115
°C/W
(3)
Duty cycle affects current limit due to ramp generator.
(4)
Current limit at 0% duty cycle. See TYPICAL PERFORMANCE section for Switch Current Limit vs. VIN
(5)
Bias current flows into FB pin.
(6)
Includes the bond wires, RDSON from VIN pin(s) to SW pin.
(7)
Refer to Texas Instruments packaging website for more detailed thermal information and mounting techniques for the TSSOP package.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com