Electronic Components Datasheet Search
  English  ▼

X  

LM2717MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2717MT/NOPB
Description  LM2717 Dual Step-Down DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2717MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2717MT/NOPB Datasheet HTML 2Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 3Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 4Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 9Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
100
110
120
130
140
150
160
170
180
190
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
LOAD CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
V IN = 5V
V IN = 12V
V
IN = 18V
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
100
110
120
130
140
150
160
170
180
190
200
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
290
295
300
305
310
315
320
R F = 46.4k
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
LM2717
SNVS253D – MAY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Switching IQ
Shutdown IQ
vs.
vs.
Input Voltage
Input Voltage
(FSW = 300kHz)
Figure 2.
Figure 3.
Switching Frequency
vs.
Fixed Buck RDS(ON)
Input Voltage
vs.
(FSW = 300kHz)
Input Voltage
Figure 4.
Figure 5.
Adjustable Buck RDS(ON)
Fixed Buck Efficiency
vs.
vs.
Input Voltage
Load Current
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com