Electronic Components Datasheet Search
  English  ▼

X  

LM2717MT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2717MT/NOPB
Description  LM2717 Dual Step-Down DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2717MT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2717MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 9Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 10Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 11Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 12Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 13Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 14Page - Texas Instruments LM2717MT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PGND
FB1
VC1
VBG
SS2
VC2
FB2
AGND
AGND
PGND
PGND
PGND
SW1
VIN
CB1
SHDN1
SS1
FSLCT
SHDN2
SW2
LM2717
L2
22 PH
D2
MBRS240
COUT2
68 PF
COUT1
3.3V OUT1
8V to 20V IN
5V OUT2
PGND
RFB1
59k
RFB2
20k
RF
*Connect CINA (pin
23) and CINB (pins
14,15) as close as
possible to the VIN
pins.
68 PF
COUT1A
1 PF
ceramic
L1
22 PH
D1
MBRS240
1 PF
CBOOT1
*CINA
CIN
68 PF
U1
CSS1
CC1
CBG
CC2
CSS2
AGND
RC2
RC1
20k
10k
4.7 nF
1 nF
47 nF
4.7 nF
47 nF
VIN
VIN
CB2
AGND
*CINB
4.7 PF
ceramic
4.7 PF
ceramic
1 PF
CBOOT2
COUT2A
1 PF
ceramic
20.5k
PGND
FB1
VC1
VBG
SS2
VC2
FB2
AGND
AGND
PGND
PGND
PGND
SW1
VIN
CB1
SHDN1
SS1
FSLCT
SHDN2
SW2
LM2717
L2
22 PH
D2
MBRS240
COUT2
68 PF
COUT1
3.3V OUT1
17V to 20V IN
15V OUT2
PGND
RFB1
221k
RFB2
20k
RF
*Connect CINA (pin
23) and CINB (pins
14,15) as close as
possible to the VIN
pins.
68 PF
COUT1A
1 PF
ceramic
L1
22 PH
D1
MBRS240
4.7 nF
CBOOT1
*CINA
CIN
68 PF
U1
CSS1
CC1
CBG
CC2
CSS2
AGND
RC2
RC1
20k
2k
4.7 nF
1 nF
47 nF
4.7 nF
47 nF
VIN
VIN
CB2
AGND
*CINB
4.7 PF
ceramic
4.7 PF
ceramic
1 PF
CBOOT2
COUT2A
1 PF
ceramic
20.5k
LM2717
www.ti.com
SNVS253D – MAY 2005 – REVISED MARCH 2013
Figure 12. 15V, 3.3V Output Application
Figure 13. 5V, 3.3V Output Application
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com