Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3281
Description  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3281 Datasheet(HTML) 4 Page - Texas Instruments

  LM3281 Datasheet HTML 1Page - Texas Instruments LM3281 Datasheet HTML 2Page - Texas Instruments LM3281 Datasheet HTML 3Page - Texas Instruments LM3281 Datasheet HTML 4Page - Texas Instruments LM3281 Datasheet HTML 5Page - Texas Instruments LM3281 Datasheet HTML 6Page - Texas Instruments LM3281 Datasheet HTML 7Page - Texas Instruments LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM3281
SNVSA38 – NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN pin to GND pin voltage
–0.2
6
V
EN, FB, MODE, SW pins to GND pin
–0.2
VIN + 0.2 or 6
voltage
(whichever is smaller)
Junction temperature (TJ)
150
°C
Continuous power dissipation(3)
Internally limited
Maximum lead temperature (soldering)
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. It engages at TJ = 150°C (typ.) and disengages at TJ =
125°C (typ.).
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–1000
1000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–250
250
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage (with respect to GND pin)
3
5.5
V
ILOAD
(1)
Output current
0
1200
mA
ILOAD_BURST
(1)
Output current, short bursts (< 100 µS burst at < 10% duty cycle)
0
1400
EN
EN pin voltage (with respect to GND pin)
0
VIN
V
MODE
Mode select pin voltage (with respect to GND pin)
0
VIN
TJ
Junction temperature
–30
125
TA
Ambient temperature
–30
90
°C
TB
PC board temperature
–30
105
(1)
Refer to section High Maximum Current in this data sheet for load current use case profile.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com