Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3281
Description  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3281 Datasheet HTML 3Page - Texas Instruments LM3281 Datasheet HTML 4Page - Texas Instruments LM3281 Datasheet HTML 5Page - Texas Instruments LM3281 Datasheet HTML 6Page - Texas Instruments LM3281 Datasheet HTML 7Page - Texas Instruments LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments LM3281 Datasheet HTML 10Page - Texas Instruments LM3281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
VOUT (V)
20 mV/DIV
Time (4 µs/DIV)
SW (V)
2 V/DIV
Vin (V)
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
12
14
PWM-Bypass Transition
D011
Load Current (mA)
0
20
40
60
80
100
120
140
160
0
10
20
30
40
50
60
70
80
90
100
D003
VIN = 3.4 V
VIN = 3.8 V
VIN = 4.8 V
VIN = 5.5 V
Vin (V)
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
D012
Output Current (mA)
0
10
20
30
40
50
60
70
80
45
50
55
60
65
70
75
80
85
90
95
100
D001
VIN = 3.4 V
VIN = 3.8 V
VIN = 4.2 V
VIN = 4.8 V
VIN = 5.5 V
Output Current (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
80
85
90
95
100
D002
VIN = 3.4 V
VIN = 3.8 V
VIN = 4.8 V
VIN = 5.5 V
LM3281
www.ti.com
SNVSA38 – NOVEMBER 2014
6.7 Typical Characteristics
All curves are at TA = 25°C and VIN = 3.8 V, unless otherwise specified. CIN, COUT = 2.2 µF, CLOAD2 = 4.7 µF, CLOAD1 = 10 µF,
LSW = 0.47 µH.
Figure 2. ECO Efficiency vs Output Current
Figure 3. PWM Efficiency vs Output Current
Figure 4. Forced PWM Efficiency vs Output Current
Figure 5. No Load ECO Input Current vs VIN
IOUT = 10 mA
Figure 6. No Load Forced PWM Input Current vs VIN
Figure 7. Output Voltage Ripple in ECO Mode
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com