Electronic Components Datasheet Search
  English  ▼

X  

LM3281 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3281
Description  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3281 Datasheet(HTML) 1 Page - Texas Instruments

  LM3281 Datasheet HTML 1Page - Texas Instruments LM3281 Datasheet HTML 2Page - Texas Instruments LM3281 Datasheet HTML 3Page - Texas Instruments LM3281 Datasheet HTML 4Page - Texas Instruments LM3281 Datasheet HTML 5Page - Texas Instruments LM3281 Datasheet HTML 6Page - Texas Instruments LM3281 Datasheet HTML 7Page - Texas Instruments LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
FB
EN
VIN
SW
VIN
3 V - 5.5 V
CIN
2.2 µF
COUT
2.2 µF
GND
LSW
0.47 µH
LM3281
VOUT
3.3 V
GPO1
MODE
VIN_c
VIN_b
VIN_a
CLOAD2
4.7 µF
CLOAD1
10 µF
GPO2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3281
SNVSA38 – NOVEMBER 2014
LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
for Wireless Connectivity Solutions
1 Features
3 Description
The LM3281 is a high-efficiency low-noise miniature
1
•
Operates from a Single Li-Ion Cell (3 V to 5.5 V)
DC-DC converter optimized for powering noise-
•
6-MHz (typ.) PWM Switching Frequency
sensitive wireless connectivity chipsets and RF Front
•
Fixed Output Voltage: 3.3 V
End Modules (FEMs) from a single Lithium-Ion cell.
The LM3281 is ideal for “always on” applications with
•
Up to 1.2-A Maximum Load Capability
very low unloaded quiescent current of 16 µA (typ.).
•
High Efficiency: 94% (typ.) with 3.8-V VIN at
300 mA
The LM3281 steps down an input supply voltage to a
fixed output voltage of 3.3 V with output current up to
•
Analog Bypass: 60-mV (typ.) Drop-Out at 600 mA
1200 mA. Five different modes of operation are used
•
Low IQ: 16 µA typical, 25 µA maximum
to optimize efficiency and minimize battery drain. In
•
Automatic ECO/PWM/Bypass Mode Change
Pulse Width Modulation (PWM) mode, the device
operates at a fixed frequency of 6 MHz which
•
Forced PWM Mode for Low Output-Voltage Ripple
minimizes RF interference when driving medium-to-
•
Soft-Start Limits Input Current on Start-Up
heavy loads. At light load, the device automatically
•
Current Overload Protection
enters into Economy (ECO) mode with reduced
quiescent current. In a low-battery voltage condition,
•
Thermal Overload Protection
a bypass mode reduces the voltage dropout to 60 mV
•
Small Total Solution Size: < 7.5 mm2
(typ.) at 600 mA. If very low output voltage ripple is
desired at light loads, the device can also be forced
2 Applications
into PWM mode. Shutdown mode turns the device off
•
WLAN, WiFi Station Devices
and reduces battery consumption to 0.1
μA (typ.).
•
WiFi RF PC Cards
Device Information(1)
•
Battery-Powered RF Devices
PART NUMBER
PACKAGE
BODY SIZE
LM3281
DSBGA (6)
1.465 mm x 1.190 (MAX)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
LM3281YFQR TI1-LM3281YFQR Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
More results

Similar Description - LM3281

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3281 TI-LM3281_15 Datasheet
1Mb / 26P
LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com