Electronic Components Datasheet Search
  English  ▼

X  

LM45 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM45
Description  LM45 SOT-23 Precision Centigrade Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM45 Datasheet(HTML) 3 Page - Texas Instruments

  LM45 Datasheet HTML 1Page - Texas Instruments LM45 Datasheet HTML 2Page - Texas Instruments LM45 Datasheet HTML 3Page - Texas Instruments LM45 Datasheet HTML 4Page - Texas Instruments LM45 Datasheet HTML 5Page - Texas Instruments LM45 Datasheet HTML 6Page - Texas Instruments LM45 Datasheet HTML 7Page - Texas Instruments LM45 Datasheet HTML 8Page - Texas Instruments LM45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM45
www.ti.com
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
Electrical Characteristics
Unless otherwise noted, these specifications apply for +VS = +5Vdc and ILOAD = +50 μA, in the circuit of Figure 3. These
specifications also apply from +2.5°C to TMAX in the circuit of Figure 2 for +VS = +5Vdc. Boldface limits apply for TA = T J =
TMIN to TMAX ; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
LM45B
LM45C
Units
(Limit)
Typical
Limit(1)
Typical
Limit(1)
Accuracy(2)
T A=+25°C
±2.0
±3.0
T A=TMAX
±3.0
±4.0
°C (max)
T A=TMIN
±3.0
±4.0
Nonlinearity(3)
T MIN≤TA≤TMAX
±0.8
±0.8
°C (max)
Sensor Gain (Average Slope)
T MIN≤TA≤TMAX
+9.7
+9.7
mV/°C (min)
+10.3
+10.3
mV/°C (max)
Load Regulation(4)
0
≤I L≤ +1 mA
±35
±35
mV/mA (max)
Line Regulation(4)
+4.0V
≤+V S≤+10V
±0.80
±0.80
mV/V (max)
±1.2
±1.2
Quiescent Current(5)
+4.0V
≤+V S≤+10V, +25°C
120
120
μA (max)
+4.0V
≤+V S≤+10V
160
160
Change of Quiescent Current(5)
4.0V
≤+V S≤10V
2.0
2.0
μA (max)
Temperature Coefficient of
+2.0
+2.0
μA/°C
Quiescent Current
Minimum Temperature for Rated
In circuit of Figure 2, IL=0
+2.5
+2.5
°C (min)
Accuracy
Long Term Stability(6)
T J=TMAX, for 1000 hours
±0.12
±0.12
°C
(1)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the output voltage and 10 mv/°C times the device's case temperature, at specified conditions
of voltage, current, and temperature (expressed in °C).
(3)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device's
rated temperature range.
(4)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(5)
Quiescent current is measured using the circuit of Figure 2.
(6)
For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature
cycled for at least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered;
allow time for stress relaxation to occur.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com