Electronic Components Datasheet Search
  English  ▼

X  

LM45 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM45
Description  LM45 SOT-23 Precision Centigrade Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM45 Datasheet(HTML) 1 Page - Texas Instruments

  LM45 Datasheet HTML 1Page - Texas Instruments LM45 Datasheet HTML 2Page - Texas Instruments LM45 Datasheet HTML 3Page - Texas Instruments LM45 Datasheet HTML 4Page - Texas Instruments LM45 Datasheet HTML 5Page - Texas Instruments LM45 Datasheet HTML 6Page - Texas Instruments LM45 Datasheet HTML 7Page - Texas Instruments LM45 Datasheet HTML 8Page - Texas Instruments LM45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM45
www.ti.com
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
LM45 SOT-23 Precision Centigrade Temperature Sensors
Check for Samples: LM45
1
FEATURES
DESCRIPTION
The LM45 series are precision integrated-circuit
2
•
Calibrated Directly in ° Celsius (Centigrade)
temperature sensors, whose output voltage is linearly
•
Linear + 10.0 mV/°C Scale Factor
proportional to the Celsius (Centigrade) temperature.
•
±3°C Accuracy Guaranteed
The LM45 does not require any external calibration or
trimming to provide accuracies of ±2°C at room
•
Rated for Full
−20° to +100°C Range
temperature and ±3°C over a full
−20 to +100°C
•
Suitable for Remote Applications
temperature range. Low cost is assured by trimming
•
Low Cost Due to Wafer-Llevel Trimming
and calibration at the wafer level. The LM45's low
output impedance, linear output, and precise inherent
•
Operates from 4.0V to 10V
calibration make interfacing to readout or control
•
Less than 120
μA Current Drain
circuitry especially easy. It can be used with a single
•
Low Self-Heating, 0.20°C in Still Air
power supply, or with plus and minus supplies. As it
draws only 120
μA from its supply, it has very low
•
Nonlinearity Only ±0.8°C Max Over Temp
self-heating, less than 0.2°C in still air. The LM45 is
•
Low Impedance Output, 20
Ω for 1 mA Load
rated to operate over a
−20° to +100°C temperature
range.
APPLICATIONS
•
Battery Management
Connection Diagram
•
FAX Machines
•
Printers
•
Portable Medical Instruments
•
HVAC
•
Power Supply Modules
Figure 1. SOT-23
•
Disk Drives
Top View
•
Computers
Package Number DBZ0003A
•
Automotive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM45 TI-LM45 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
logo
National Semiconductor ...
LM4500A NSC-LM4500A Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
LM4500AN NSC-LM4500AN Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
More results

Similar Description - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM45 TI-LM45_15 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com