Electronic Components Datasheet Search
  English  ▼

X  

LM45 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM45
Description  LM45 SOT-23 Precision Centigrade Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM45 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM45 Datasheet HTML 6Page - Texas Instruments LM45 Datasheet HTML 7Page - Texas Instruments LM45 Datasheet HTML 8Page - Texas Instruments LM45 Datasheet HTML 9Page - Texas Instruments LM45 Datasheet HTML 10Page - Texas Instruments LM45 Datasheet HTML 11Page - Texas Instruments LM45 Datasheet HTML 12Page - Texas Instruments LM45 Datasheet HTML 13Page - Texas Instruments LM45 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM45
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
www.ti.com
* =1% or 2% film resistor
-Trim RB for VB=3.075V
-Trim RC for VC=1.955V
-Trim RA for VA=0.075V + 100mV/°C × Tambient
-Example, VA=2.275V at 22°C
Figure 25. Bar-Graph Temperature Display (Dot Mode)
Figure 26. LM45 With Voltage-To-Frequency Converter And Isolated Output
(2.5°C to +100°C; 25 Hz to 1000 Hz)
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com