Electronic Components Datasheet Search
  English  ▼

X  

LM84 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM84
Description  LM84 Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM84 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM84 Datasheet HTML 5Page - Texas Instruments LM84 Datasheet HTML 6Page - Texas Instruments LM84 Datasheet HTML 7Page - Texas Instruments LM84 Datasheet HTML 8Page - Texas Instruments LM84 Datasheet HTML 9Page - Texas Instruments LM84 Datasheet HTML 10Page - Texas Instruments LM84 Datasheet HTML 11Page - Texas Instruments LM84 Datasheet HTML 12Page - Texas Instruments LM84 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Logic Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VCC), the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Parasitics and or ESD protection circuitry are shown in the figure below for the LM84’s pins. The nominal breakdown voltage of the zener D3 is 6.5V. Care should
be taken not to forward bias the parasitic diode, D1, present on pins: NC pins 1,5 and 9, D+, ADD1 and ADD0. Doing so by more than 50 mV may corrupt a
temperature or voltage measurement.
Pin Name
D1
D2
D3
D4
Pin Name
D1
D2
D3
D4
NC (pins 1, 5, 9)
x
x
x
T_CRIT_A
x
V
CC
x
SMBData
x
x
D+
x
x
x
NC (pin 13)
x
x
D−
x
x
x
SMBCLK
x
ADD0, ADD1
x
x
x
NC (pin 16)
x
Note: An x indicates that the diode exists.
Note 3: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in a current National
Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: Thermal resistance of the QSOP-16 package is TBD ˚C/W, junction-to-ambient when attached to a printed circuit board with 2 oz. foil.
Note 6: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The Temperature Error specification does not include an additional error of ±1˚C, caused by the quantization error.
Note 9: The Temperature Error will vary less than ±1.0˚C for a variation in VCC of 3V to 3.6V from the nominal of 3.3V.
Note 10: Quiescent current will not increase substantially with an active SMBus.
Note 11: This specification is provided only to indicate how often temperature data is updated. The LM84 can be read at any time without regard to conversion state
(and will yield last conversion result).
Note 12: Default values set at power up.
Note 13: Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will cause the LM84 to reset SMBData and SMBCLK to the IDLE
state of an SMBus communication (SMBCLK and SMBData set High).
DS100961-8
FIGURE 1. ESD Protection Input Structure
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com