Electronic Components Datasheet Search
  English  ▼

X  

LM84 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM84
Description  LM84 Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM84 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM84 Datasheet HTML 6Page - Texas Instruments LM84 Datasheet HTML 7Page - Texas Instruments LM84 Datasheet HTML 8Page - Texas Instruments LM84 Datasheet HTML 9Page - Texas Instruments LM84 Datasheet HTML 10Page - Texas Instruments LM84 Datasheet HTML 11Page - Texas Instruments LM84 Datasheet HTML 12Page - Texas Instruments LM84 Datasheet HTML 13Page - Texas Instruments LM84 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Logic Electrical Characteristics (Continued)
1.0 Functional Description
The LM84 temperature sensor incorporates a band-gap type
temperature sensor using a Local or Remote diode and an
8-bit ADC (Delta-Sigma Analog-to-Digital Converter). The
LM84 is compatible with the serial SMBus and I
2C inter-
faces. Digital comparators compare Local and Remote read-
ings
to
user-programmable
setpoints
(LT_CRIT
and
RT_CRIT). Activation of the T_CRIT_A output indicates that
a temperature reading is greater than the limit preset in a
T_CRIT register.
1.1 T_CRIT_A OUTPUT, T_CRIT LIMITS
T_CRIT_A is activated when the Local temperature reading
is greater than the limit preset in the local critical temperature
setpoint register (LT_CRIT) or when the Remote tempera-
ture reading is greater than the limit preset in the remote
critical temperature setpoint register (RT_CRIT), as shown in
Figure 3. The T_CRIT_A mask bit (bit 7 of the Configuration
Register) when set will disable the T_CRIT_A output.
The Status Register can be read to determine which event
caused the alarm. A bit in the Status Register is set high to
indicate T_CRIT temperature alarm, see
Section 1.8.3.
Local and remote temperature diodes are sampled alter-
nately by the A/D converter. The T_CRIT_A output and the
Status Register flags are updated at the completion of a
conversion, which takes approximately 60 ms. T_CRIT_A
and the Status Register flags are reset only after the Status
Register is read and if the temperature is below the setpoint.
1.2 POWER-ON RESET DEFAULT STATES
LM84 always powers up to these known default states:
1.
Local Temperature set to 0˚C
2.
Remote Temperature set to 0˚C until the LM84 senses a
diode present or open circuit on the D+ and D− input
pins.
3.
Status Register set to 00h.
4.
Command Register set to 00h; T_CRIT_A enabled.
5.
Local and Remote T_CRIT set to 127˚C
DS100961-5
FIGURE 2. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
DS100961-6
FIGURE 3. T_CRIT_A Temperature Response Diagram
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com