Electronic Components Datasheet Search
  English  ▼

X  

LM84 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM84
Description  LM84 Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM84 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM84 Datasheet HTML 9Page - Texas Instruments LM84 Datasheet HTML 10Page - Texas Instruments LM84 Datasheet HTML 11Page - Texas Instruments LM84 Datasheet HTML 12Page - Texas Instruments LM84 Datasheet HTML 13Page - Texas Instruments LM84 Datasheet HTML 14Page - Texas Instruments LM84 Datasheet HTML 15Page - Texas Instruments LM84 Datasheet HTML 16Page - Texas Instruments LM84 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
1.0 Functional Description (Continued)
1.8 LM84 REGISTERS
1.8.1 COMMAND REGISTER
Selects which registers will be read from or written to. Data for this register should be transmitted during the Command Byte of
the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
0000
Command Select
P0-P7: Command Select:
Command Se-
lect Address
Power On Default State
Register Name
Register Function
<P7:P0> hex
<D7:D0> binary
<D7:D0> deci-
mal
00h
0000 0000
0
RLT
Read Local Temperature
01h
0000 0000
0
RRT
Read Remote Temperature
02h
0000 0000
0
RS
Read Status
03h
0000 0000
0
RC
Read Configuration
04h
0000 0000
0
RMID
Manufacturers ID
05h
0111 1111
127
RLCS
Read Local T_CRIT Setpoint
07h
0111 1111
127
RRCS
Read Remote T_CRIT
Setpoint
09h
0000 0000
0
WC
Write Configuration
0Bh
0111 1111
127
WLCS
Write Local T_CRIT Setpoint
0Dh
0111 1111
127
WRCS
Write Remote T_CRIT
Setpoint
1.8.2 LOCAL and REMOTE TEMPERATURE REGISTERS
(Read Only Address 00h and 01h):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: Temperature Data. One LSB = 1˚C. Two’s complement format.
1.8.3 STATUS REGISTER
(Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
0
LTCRIT
0
RTCRIT
0
OPEN
0
0
Power up default is with all bits “0” (zero).
D2: OPEN: When set to 1 indicates a Remote Diode disconnect.
D4: RTCRIT: When set to 1 indicates an RT_CRIT alarm.
D6: LTCRIT: When set to 1 indicates an LT_CRIT alarm.
D7, D5, D3, D1–D0: These bits are always set to 0.
1.8.4 Manufacturers ID Register
(Read Address 04h) Default value 00h.
1.8.5 CONFIGURATION REGISTER
(Read Address 03h /Write Address 09h):
D7
D6
D5
D4
D3
D2
D1
D0
T_CRIT_A
mask
0000000
Power up default is with all bits “0” (zero).
D7: T_CRIT_A mask: When set to 1 T_CRIT_A interrupts are masked.
D6–D0: These bits are always set to 0. A write of 1 will return a 0 when read.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com