Electronic Components Datasheet Search
  English  ▼

X  

CW025 Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # CW025
Description  CW025 Triple-Output-Series Power Modules:36 Vdc to 75 Vdc Input; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CW025 Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button CW025 Datasheet HTML 6Page - Lineage Power Corporation CW025 Datasheet HTML 7Page - Lineage Power Corporation CW025 Datasheet HTML 8Page - Lineage Power Corporation CW025 Datasheet HTML 9Page - Lineage Power Corporation CW025 Datasheet HTML 10Page - Lineage Power Corporation CW025 Datasheet HTML 11Page - Lineage Power Corporation CW025 Datasheet HTML 12Page - Lineage Power Corporation CW025 Datasheet HTML 13Page - Lineage Power Corporation CW025 Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
10
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; 25 W
CW025 Triple-Output-Series Power Modules:
Characteristic Curves (continued)
8-1098(C)
Figure 15. CW025 Triple-Output-Series Typical
Output Voltage for a Step Load Change
from 75% to 50% of Full Load on
Output 1
8-1099(C)
Figure 16. CW025 Triple-Output-Series Typical
Output Voltage for a Step Load Change
from 25% to 50% of Full Load on
Output 1
8-1100(C)
Figure 17. CW025 Triple-Output-Series Typical
Output Voltage Start-Up when Signal
Applied to Remote On/Off
Test Configurations
8-489(C).a
Note: Input reflected-ripple current is measured with a simulated
source impedance (LTEST) of 12 µH. Capacitor CS offsets pos-
sible battery impedance. Current is measured at the input of
the module.
Figure 18. Input Reflected-Ripple Test Setup
TIME, t (100 µs/div)
75%
50%
25%
99%
100%
101%
102%
TIME, t (100 µs/div)
101%
100%
99%
75%
50%
25%
TIME, t (2 ms/div)
6
4
2
0
0%
50%
100%
TO OSCILLOSCOPE
CS 220 µF
IMPEDANCE < 0.1
Ω
@ 20
°C, 100 kHz
VI(+)
VI(–)
LTEST
BATTERY
12 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com