Electronic Components Datasheet Search
  English  ▼

X  

CW025 Datasheet(PDF) 13 Page - Lineage Power Corporation

Part # CW025
Description  CW025 Triple-Output-Series Power Modules:36 Vdc to 75 Vdc Input; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CW025 Datasheet(HTML) 13 Page - Lineage Power Corporation

Back Button CW025 Datasheet HTML 9Page - Lineage Power Corporation CW025 Datasheet HTML 10Page - Lineage Power Corporation CW025 Datasheet HTML 11Page - Lineage Power Corporation CW025 Datasheet HTML 12Page - Lineage Power Corporation CW025 Datasheet HTML 13Page - Lineage Power Corporation CW025 Datasheet HTML 14Page - Lineage Power Corporation CW025 Datasheet HTML 15Page - Lineage Power Corporation CW025 Datasheet HTML 16Page - Lineage Power Corporation CW025 Datasheet HTML 17Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
April 2008
Lineage Power
13
36 Vdc to 75 Vdc Input; 25 W
CW025 Triple-Output-Series Power Modules:
Thermal Considerations
Note: Dimensions are in millimeters and (inches). Drawing is not to scale.
8-866(C).b
Figure 22. Thermal Test Setup
50.8
(2.00)
12.7 (0.50)
101.6
(4.00)
203.2 (8.00)
AIRFLOW
MEASURE CASE
TEMPERATURE AT
THIS POINT
CONNECTORS TO
LOADS, POWER
SUPPLIES, AND
DATALOGGER,
6.35 (0.25) TALL
203.2
(8.00)
9.7 (0.38)
19.1 (0.75)
WIND TUNNEL WALL
AIR VELOCITY PROBE
AMBIENT TEMPERATURE
THERMOCOUPLE
AIR-
FLOW
27.9
(1.1)
27.9
(1.1)
dc-dc POWER MODULE
MADE IN USA
12.7 (0.50)
The 25 W triple output power modules are designed to
operate in a variety of thermal environments. As with
any electronic component, sufficient cooling must be
provided to ensure reliable operation. Heat dissipating
components inside the module are thermally coupled
to the case to enable heat removal by conduction, con-
vection, and radiation to the surrounding environment.
The thermal data presented is based on measure-
ments taken in a wind tunnel. The test setup shown in
Figure 22 was used to collect data. Actual performance
can vary depending on the particular application
environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com