Electronic Components Datasheet Search
  English  ▼

X  

LM7812CT. Datasheet(PDF) 15 Page - ON Semiconductor

Part # LM7812CT.
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7812CT. Datasheet(HTML) 15 Page - ON Semiconductor

Back Button LM7812CT. Datasheet HTML 11Page - ON Semiconductor LM7812CT. Datasheet HTML 12Page - ON Semiconductor LM7812CT. Datasheet HTML 13Page - ON Semiconductor LM7812CT. Datasheet HTML 14Page - ON Semiconductor LM7812CT. Datasheet HTML 15Page - ON Semiconductor LM7812CT. Datasheet HTML 16Page - ON Semiconductor LM7812CT. Datasheet HTML 17Page - ON Semiconductor LM7812CT. Datasheet HTML 18Page - ON Semiconductor LM7812CT. Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
14
Electrical Characteristics (LM7810A)
Refer to the test circuit, 0°C < TJ < 125°C, IO = 1 A, VI = 16 V, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified.
Notes:
24. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
25. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
9.8
10.0
10.2
V
IO = 5 mA to 1 A, PO ≤ 15 W,
VI = 12.8 V to 25 V
9.6
10.0
10.4
Regline
Line Regulation(24)
VI = 12.8 V to 26 V, IO = 500 mA
8
100
mV
VI = 13 V to 20 V
4
50
TJ = +25°C
VI = 12.5 V to 25 V
8
100
VI = 13 V to 20 V
3
50
Regload
Load Regulation(24)
TJ = +25°C, IO = 5 mA to 1.5 A
12
100
mV
IO = 5 mA to 1 A
12
100
IO = 250 mA to 750 mA
5
50
IQ
Quiescent Current
TJ = +25°C5
6
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.5
mA
VI = 12.8 V to 25 V, IO = 500 mA
0.8
VI = 13 V to 26 V, TJ = +25°C0.5
ΔVO/ΔT
Output Voltage Drift(25)
IO = 5 mA
-1
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C58
μV
RR
Ripple Rejection(25)
f = 120 Hz, VO = 500 mA,
VI =14 V to 24 V
62
dB
VDROP
Dropout Voltage
IO = 1 A, TJ = +25°C2
V
RO
Output Resistance(25)
f = 1 kHz
17
m
Ω
ISC
Short-Circuit Current
VI = 35 V, TJ = +25°C250
mA
IPK
Peak Current(25)
TJ = +25°C2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com