Electronic Components Datasheet Search
  English  ▼

X  

LM7812CT. Datasheet(PDF) 18 Page - ON Semiconductor

Part # LM7812CT.
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7812CT. Datasheet(HTML) 18 Page - ON Semiconductor

Back Button LM7812CT. Datasheet HTML 14Page - ON Semiconductor LM7812CT. Datasheet HTML 15Page - ON Semiconductor LM7812CT. Datasheet HTML 16Page - ON Semiconductor LM7812CT. Datasheet HTML 17Page - ON Semiconductor LM7812CT. Datasheet HTML 18Page - ON Semiconductor LM7812CT. Datasheet HTML 19Page - ON Semiconductor LM7812CT. Datasheet HTML 20Page - ON Semiconductor LM7812CT. Datasheet HTML 21Page - ON Semiconductor LM7812CT. Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
17
Typical Performance Characteristics
Figure 2. Quiescent Current
Figure 3. Peak Output Current
Figure 4. Output Voltage
Figure 5. Quiescent Current
6
5.75
5.5
5.25
5
4.75
4.5
V
I = 10V
V
O = 5V
I
O = 5mA
-25
-50
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
0
3
2.5
2
1.5
1
.5
0
T
J = 25°C
ΔV
O = 100mV
5
1015
202530
35
INPUT-OUTPUT DIFFERENTIAL (V)
1.02
1.01
1
0.99
0.98
V
I – VO = 5V
I
O = 5mA
-25
-50
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
7
6.5
6
5.5
5
4.5
4
T
J = 25°C
V
O = 5V
I
O = 10mA
10
515
20
25
30
35
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com