Electronic Components Datasheet Search
  English  ▼

X  

LM7812CT. Datasheet(PDF) 20 Page - ON Semiconductor

Part # LM7812CT.
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7812CT. Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LM7812CT. Datasheet HTML 16Page - ON Semiconductor LM7812CT. Datasheet HTML 17Page - ON Semiconductor LM7812CT. Datasheet HTML 18Page - ON Semiconductor LM7812CT. Datasheet HTML 19Page - ON Semiconductor LM7812CT. Datasheet HTML 20Page - ON Semiconductor LM7812CT. Datasheet HTML 21Page - ON Semiconductor LM7812CT. Datasheet HTML 22Page - ON Semiconductor LM7812CT. Datasheet HTML 23Page - ON Semiconductor LM7812CT. Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
19
Typical Applications (Continued)
Figure 9. Fixed-Output Regulator
Figure 10. Constant Current Regulator
Notes:
29. To specify an output voltage, substitute voltage value for “XX”. A common ground is required between the input and
the output voltage. The input voltage must remain typically 2.0 V above the output voltage even during the low point
on the input ripple voltage.
30. CI is required if regulator is located an appreciable distance from power supply filter.
31. CO improves stability and transient response.
Figure 11. Circuit for Increasing Output Voltage
0.1
μF
CO
CI
0.33
μF
Output
Input
LM78XX
1
3
2
0.1
μF
CO
CI
0.33
μF
Output
Input
LM78XX
1
3
2
VXX
R1
RL
IQ
IO
IO = R
1
+ IQ
VXX
0.1
μF
CO
CI
0.33
μF
Output
Input
LM78XX
1
3
2
VXX
R1
R2
IQ
IRI ≥ 5 IQ
VO = VXX(1+R2/R1)+IQR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com