Electronic Components Datasheet Search
  English  ▼

X  

LM3553 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments LM3553 Datasheet HTML 10Page - Texas Instruments LM3553 Datasheet HTML 11Page - Texas Instruments LM3553 Datasheet HTML 12Page - Texas Instruments LM3553 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SCL
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
SDA
TX PA
PP/PC
Imager
LM3553
FEN
Tx
SCL
SDA
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
TX Pin
The transmission pin (TX) can be used to limit the current drawn from the battery during a PA transmission.
When the TX pin is driven high (logic '1') during a flash pulse, the LM3553 will switch to the programmed torch
current level. Once the TX pin is driven low (logic '0'), the LM3553 will return to the flash current if this event
occurs within the original flash duration.
It is recommended that an external pull-down be placed between the TX pin and GND to prevent unwanted LED
flashing during system start-up due to unknown control logic states.
M/F Pin
The multi-function pin (M/F) can be configured to provide hardware RESET or a general purpose input/output
(GPIO). All functionality is programmed through the I2C compatible interface and set in the M/F pin functionality
control register (address 0x20). The default function is a RESET, where a logic '1' places the part in the normal
operating mode, and a logic '0' places the part into a RESET state. A reset condition will place all LM3553
registers into their default states.
Connection Diagram
Figure 15. Typical System Configuration
I2C Compatible Interface
DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, the state
of the data line can only be changed when CLK is LOW.
Figure 16. Data Validity Diagram
A pull-up resistor between VIO and SDA must be greater than [(VIO-VOL) / 3.7mA] to meet the VOL requirement
on SDA. Using a larger pull-up resistor results in lower switching current with slower edges, while using a smaller
pull-up results in higher switching currents with faster edges.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com