Electronic Components Datasheet Search
  English  ▼

X  

LM8262 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM8262
Description  LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8262 Datasheet(HTML) 5 Page - Texas Instruments

  LM8262 Datasheet HTML 1Page - Texas Instruments LM8262 Datasheet HTML 2Page - Texas Instruments LM8262 Datasheet HTML 3Page - Texas Instruments LM8262 Datasheet HTML 4Page - Texas Instruments LM8262 Datasheet HTML 5Page - Texas Instruments LM8262 Datasheet HTML 6Page - Texas Instruments LM8262 Datasheet HTML 7Page - Texas Instruments LM8262 Datasheet HTML 8Page - Texas Instruments LM8262 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM8262
www.ti.com
SNOS975G – MAY 2001 – REVISED AUGUST 2015
6.5
2.7V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VO = V
+/2, and R
L > 1MΩ to V
−. Boldface
limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
VCM = 0.5V & VCM = 2.2V
+/
−5
mV
–
+/
−0.7
+/
−7
TC VOS
Input Offset Average Drift
VCM = 0.5V & VCM = 2.2V
µV/C
–
+/
−2
–
(3)
IB
Input Bias Current
VCM = 0.5V
−2.00
–
−1.20
(4)
−2.70
µA
VCM = 2.2V
+1.00
–
+0.49
(4)
+1.60
IOS
Input Offset Current
VCM = 0.5V & VCM = 2.2V
250
nA
–
20
400
CMRR
Common Mode Rejection Ratio
VCM stepped from 0V to 1.0V
76
100
–
60
VCM stepped from 1.7V to 2.7V
–
100
–
dB
VCM stepped from 0V to 2.7V
58
70
–
50
+PSRR
Positive Power Supply Rejection
V+ = 2.7V to 5V
78
dB
104
–
Ratio
74
CMVR
Input Common-Mode Voltage
CMRR > 50dB
−0.1
V
–
−0.3
Range
0.0
2.8
V
3.0
–
2.7
AVOL
Large Signal Voltage Gain
VO = 0.5 to 2.2V,
70
dB
78
–
RL = 10k to V
−
67
VO = 0.5 to 2.2V,
67
dB
73
–
RL = 2k to V
−
63
VO
Output Swing
RL = 10k to V
−
2.49
2.59
–
High
2.46
V
RL = 2k to V
−
2.45
2.53
–
2.41
Output Swing
RL = 10k to V
−
100
mV
–
90
Low
120
ISC
Output Short Circuit Current
Sourcing to V−
30
48
–
VID = 200mV
(5) (6)
20
mA
Sinking to V+
50
65
–
VID = −200mV
(5) (6)
30
IS
Supply Current (both amps)
No load, VCM = 0.5V
2.5
mA
–
2.0
3.0
SR
Slew Rate (7)
AV = +1,VI = 2VPP
–
9
–
V/µs
fu
Unity Gain-Frequency
VI = 10mV, RL = 2kΩ to V
+/2
–
10
–
MHz
GBWP
Gain Bandwidth Product
f = 50KHz
15.5
MHz
21
–
14
Phim
Phase Margin
VI = 10mV
–
50
–
Deg
en
Input-Referred Voltage Noise
f = 2KHz, RS = 50Ω
–
15
–
nV/
√Hz
in
Input-Referred Current Noise
f = 2KHz
–
1
–
pA/
√Hz
fmax
Full Power Bandwidth
ZL = (20pF || 10kΩ) to V
+/2
–
1
–
MHz
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(4)
Positive current corresponds to current flowing into the device.
(5)
Short circuit test is a momentary test.
(6)
Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM8262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com