Electronic Components Datasheet Search
  English  ▼

X  

LM8262 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM8262
Description  LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8262 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM8262 Datasheet HTML 3Page - Texas Instruments LM8262 Datasheet HTML 4Page - Texas Instruments LM8262 Datasheet HTML 5Page - Texas Instruments LM8262 Datasheet HTML 6Page - Texas Instruments LM8262 Datasheet HTML 7Page - Texas Instruments LM8262 Datasheet HTML 8Page - Texas Instruments LM8262 Datasheet HTML 9Page - Texas Instruments LM8262 Datasheet HTML 10Page - Texas Instruments LM8262 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM8262
www.ti.com
SNOS975G – MAY 2001 – REVISED AUGUST 2015
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for V
+ = 5V, V− = 0V, V
CM = 1V, VO = V
+/2, and R
L > 1MΩ to V
−. Boldface limits
apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
fmax
Full Power Bandwidth
ZL = (20pF || 10kΩ) to V
+/2
–
900
–
KHz
tS
Settling Time (+/
−5%)
100mVPP Step, 500pF load
–
400
–
ns
THD+N
Total Harmonic Distortion + Noise
RL = 1kΩ to V
+/2
–
0.05%
–
f = 10KHz to AV= +2, 4VPP swing
6.7
+/
−11V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 11V, V− = −11V, V
CM = 0V, VO = 0V, and RL > 1MΩ to 0V. Boldface
limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
VCM = −10.5V & VCM = 10.5V
+/
−7
mV
–
+/
−0.7
+/
− 9
TC VOS
Input Offset Average Drift
VCM = −10.5V & VCM = 10.5V
µV/°C
–
+/
−2
–
(3)
IB
Input Bias Current
VCM = −10.5V
−2.00
–
−1.05
(4)
−2.80
µA
VCM = 10.5V
+1.00
–
+0.49
(4)
+1.50
IOS
Input Offset Current
VCM = −10.5V & VCM = 10.5V
275
nA
–
30
550
CMRR
Common Mode Rejection Ratio
VCM stepped from −11V to 9V
84
100
–
80
VCM stepped from 10V to 11V
–
100
–
dB
VCM stepped from −11V to 11V
74
88
–
72
+PSRR
Positive Power Supply Rejection
V+ = 9V to 11V
70
dB
100
–
Ratio
66
−PSRR
Negative Power Supply Rejection
V− =
−9V to −11V
70
dB
100
–
Ratio
66
CMVR
Input Common-Mode Voltage
CMRR > 50dB
−11.1
V
–
−11.3
Range
−11.0
11.1
V
11.3
–
11.0
AVOL
Large Signal Voltage Gain
VO = 0V to +/−9V,
78
85
–
RL = 10kΩ
74
dB
VO = 0V to +/−9V,
72
79
–
RL = 2kΩ
66
VO
Output Swing
RL = 10kΩ
10.65
10.77
–
High
10.61
V
RL = 2kΩ
10.6
10.69
–
10.55
Output Swing
RL = 10kΩ
−10.75
–
−10.98
Low
−10.65
V
RL = 2kΩ
−10.65
–
−10.91
−10.6
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(4)
Positive current corresponds to current flowing into the device.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM8262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com