Electronic Components Datasheet Search
  English  ▼

X  

LM8262 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM8262
Description  LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8262 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8262 Datasheet HTML 2Page - Texas Instruments LM8262 Datasheet HTML 3Page - Texas Instruments LM8262 Datasheet HTML 4Page - Texas Instruments LM8262 Datasheet HTML 5Page - Texas Instruments LM8262 Datasheet HTML 6Page - Texas Instruments LM8262 Datasheet HTML 7Page - Texas Instruments LM8262 Datasheet HTML 8Page - Texas Instruments LM8262 Datasheet HTML 9Page - Texas Instruments LM8262 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LM8262
SNOS975G – MAY 2001 – REVISED AUGUST 2015
www.ti.com
6.6
5V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 5V, V− = 0V, V
CM = 1V, VO = V
+/2, and R
L > 1MΩ to V
−. Boldface limits
apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
VCM = 1V & VCM = 4.5V
+/
−5
mV
–
+/
−0.7
+/
− 7
TC VOS
Input Offset Average Drift
VCM = 1V & VCM = 4.5V
µV/°C
–
+/
−2
–
(3)
IB
Input Bias Current
VCM = 1V
−2.00
–
−1.18
(4)
−2.70
µA
VCM = 4.5V
+1.00
–
+0.49
(4)
+1.60
IOS
Input Offset Current
VCM = 1V & VCM = 4.5V
250
nA
–
20
400
CMRR
Common Mode Rejection Ratio
VCM stepped from 0V to 3.3V
84
110
–
72
VCM stepped from 4V to 5V
–
100
–
dB
VCM stepped from 0V to 5V
64
80
–
61
+PSRR
Positive Power Supply Rejection
V+ = 2.7V to 5V, VCM = 0.5V
78
dB
104
–
Ratio
74
CMVR
Input Common-Mode Voltage
CMRR > 50dB
−0.1
V
–
−0.3
Range
0.0
5.1
V
5.3
–
5.0
AVOL
Large Signal Voltage Gain
VO = 0.5 to 4.5V,
74
84
–
RL = 10k to V
−
70
dB
VO = 0.5 to 4.5V,
70
80
–
RL = 2k to V
−
66
VO
Output Swing
RL = 10k to V
−
4.75
4.87
–
High
4.72
V
RL = 2k to V
−
4.70
4.81
–
4.66
Output Swing
RL = 10k to V
−
125
mV
–
86
Low
135
ISC
Output Short Circuit Current
Sourcing to V−
35
53
–
VID = 200mV
(5) (6)
20
mA
Sinking to V+
60
75
–
VID = −200mV
(5) (6)
50
IS
Supply Current (both amps)
No load, VCM = 1V
2.8
mA
–
2.3
3.5
SR
Slew Rate (7)
AV = +1, VI = 5VPP
10
V/µs
12
–
7
fu
Unity Gain Frequency
VI = 10mV,
MHz
–
10.5
–
RL = 2kΩ to V
+/2
GBWP
Gain-Bandwidth Product
f = 50KHz
16
MHz
21
–
15
Phim
Phase Margin
VI = 10mV
–
53
–
Deg
en
Input-Referred Voltage Noise
f = 2KHz, RS = 50Ω
–
15
–
nV/
√Hz
in
Input-Referred Current Noise
f = 2KHz
–
1
–
pA/
√Hz
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(4)
Positive current corresponds to current flowing into the device.
(5)
Short circuit test is a momentary test.
(6)
Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM8262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com