Electronic Components Datasheet Search
  English  ▼

X  

NJM2794V Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2794V
Description  Ground Noise Isolation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2794V Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2794V Datasheet HTML 3Page - New Japan Radio NJM2794V Datasheet HTML 4Page - New Japan Radio NJM2794V Datasheet HTML 5Page - New Japan Radio NJM2794V Datasheet HTML 6Page - New Japan Radio NJM2794V Datasheet HTML 7Page - New Japan Radio NJM2794V Datasheet HTML 8Page - New Japan Radio NJM2794V Datasheet HTML 9Page - New Japan Radio NJM2794V Datasheet HTML 10Page - New Japan Radio NJM2794V Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NJM2794
– 10 –
! TYPICAL CHARACTERISTICS
Voltage Gain vs. Frequency
V+=9V, Vin=1Vrms, Ta=25oC
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
10000
100000
Frequency [Hz]
Non-Inverting Circuit, Inverting Circuit
Maximum Output Voltage vs. Load Resistance
V+=9V, f=1kHz, Ta=25oC, BW=400 - 30kHz
0
1
2
3
4
5
0.1
1
10
100
Load Resistance [kΩ]
V+=13V
9V
4.3V
THD=0.1%
Supply Voltage Rejection Ratio
vs. Frequency
V+=9V, Vripple=100mV, Rg=600Ω, Ta=25℃
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency [Hz]
Cref=4.7
µF
Cref=22
µF
Cref=10
µF
Reference Voltage Turn-on behaviour
V+=9V, Ta=25℃
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
23
456
78
9
10
time [sec]
Cref=4.7
µF
Cref=22
µF
Cref=10
µF
Supply Voltage Rejection Ratio
vs. Operating Voltage
Vripple=100mV, f=100Hz, Rg=600Ω, Ta=25oC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
03
69
12
15
Operating Voltage [V]
Supply Voltage Rejection Ratio
vs. Signal Source Resistance
V+=9V, Vrippple=100mV, f=100Hz, Ta=25oC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
Signal Source Resistance [kΩ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com