Electronic Components Datasheet Search
  English  ▼

X  

NJM2794V Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2794V
Description  Ground Noise Isolation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2794V Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2794V Datasheet HTML 3Page - New Japan Radio NJM2794V Datasheet HTML 4Page - New Japan Radio NJM2794V Datasheet HTML 5Page - New Japan Radio NJM2794V Datasheet HTML 6Page - New Japan Radio NJM2794V Datasheet HTML 7Page - New Japan Radio NJM2794V Datasheet HTML 8Page - New Japan Radio NJM2794V Datasheet HTML 9Page - New Japan Radio NJM2794V Datasheet HTML 10Page - New Japan Radio NJM2794V Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJM2794
– 8 –
! TYPICAL CHARACTERISTICS
Channel Separation vs. Ambient Temperature
V+=9V, Rg=600Ω, Vin=1Vrms, BW=400Hz-30kHz
-120
-100
-80
-60
-40
-20
0
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [oC]
IN1+ -> OUT2
THD+N vs. Output Voltage
V+=9V, f=1kHz, Non-Inverting Circuit
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Voltage [Vrms]
Ta=25,85oC
Ta=-40oC
THD+N vs. Output Voltage
V+=9V, f=1kHz, Inverting Circuit
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Voltage [Vrms]
Ta=-40,25,85oC
Channel Separation vs. Frequency
V+=9V, Rg=600Ω, Vin=1Vrms, BW=10Hz-30kHz
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Frequency [Hz]
IN2+ -> OUT1
IN1+ -> OUT2
THD+N vs. Output Voltage
V+=8V, f=1kHz, Non-Inverting Circuit
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Voltage [Vrms]
Ta=25,85oC
Ta=-40
oC
THD+N vs. Output Voltage
V+=8V, f=1kHz, Inverting Circuit
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Voltage [Vrms]
Ta=-40,25,85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com