Electronic Components Datasheet Search
  English  ▼

X  

NJM2794V Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2794V
Description  Ground Noise Isolation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2794V Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2794V Datasheet HTML 3Page - New Japan Radio NJM2794V Datasheet HTML 4Page - New Japan Radio NJM2794V Datasheet HTML 5Page - New Japan Radio NJM2794V Datasheet HTML 6Page - New Japan Radio NJM2794V Datasheet HTML 7Page - New Japan Radio NJM2794V Datasheet HTML 8Page - New Japan Radio NJM2794V Datasheet HTML 9Page - New Japan Radio NJM2794V Datasheet HTML 10Page - New Japan Radio NJM2794V Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJM2794
– 9 –
! TYPICAL CHARACTERISTICS
THD+N vs. Output Voltage
V+=9V, Ta=25oC, Inverting Circuit
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Voltage [Vrms]
f=100Hz, 1kHz,10kHz
THD+N vs. Output Voltage
V+=9V, Ta=25oC, Non-Inverting Circuit
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Voltage [Vrms]
f=100Hz, 10kHz
f=1kHz
THD+N vs. Output Voltage
V+=9V, Vin=1Vrms, BW=22Hz-80kHz,
Non-Inverting Circuit
0.001
0.01
0.1
1
10
100
1000
10000
100000
Frequency [Hz]
Ta=-40,25,85oC
THD+N vs. Output Voltage
V+=9V, Vin=1Vrms, BW=22Hz-80kHz,
Inverting Circuit
0.001
0.01
0.1
1
10
100
1000
10000
100000
Frequency [Hz]
Ta=-40,25,85oC
Maximum Output Voltage vs. Operating Voltage
f=1kHz, THD=0.1%, Non-Inverting Circuit
0
1
2
3
4
03
69
12
15
Operating Voltage [V]
Ta=-40,25,85oC
Maximum Output Voltage vs. Operating Voltage
f=1kHz, THD=0.1%, Inverting Circuit
0
1
2
3
4
03
69
12
15
Operating Voltage [V]
Ta=-40,25,85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com