Electronic Components Datasheet Search
  English  ▼

X  

ADS5273IPFP Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5273IPFP
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5273IPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5273IPFP Datasheet HTML 11Page - Texas Instruments ADS5273IPFP Datasheet HTML 12Page - Texas Instruments ADS5273IPFP Datasheet HTML 13Page - Texas Instruments ADS5273IPFP Datasheet HTML 14Page - Texas Instruments ADS5273IPFP Datasheet HTML 15Page - Texas Instruments ADS5273IPFP Datasheet HTML 16Page - Texas Instruments ADS5273IPFP Datasheet HTML 17Page - Texas Instruments ADS5273IPFP Datasheet HTML 18Page - Texas Instruments ADS5273IPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Code
0.45
0.30
0.15
0
−0.15
−0.30
−0.45
0
1536
2048
2560
3072
3584
512
1024
4096
f
IN = 5MHz
Code
0.60
0.45
0.30
0.15
0
−0.15
−0.30
−0.45
−0.60
0
1536
2048
2560
3072
3584
512
1024
4096
f
IN = 5MHz
Input Frequency (MHz)
76
74
72
70
68
66
64
62
60
0
30
40
50
60
70
10
20
80
External Reference
Input Frequency (MHz)
72
70
68
66
64
62
60
0
30
40
50
60
70
10
20
80
External Reference
Input Frequency (MHz)
100
95
90
85
80
75
70
65
0
30
40
50
60
70
10
20
80
External Reference
Input Frequency (MHz)
74
72
70
68
66
64
62
60
0
30
40
50
60
70
10
20
80
ADS5273
www.ti.com .............................................................................................................................................. SBAS305D – JANUARY 2004 – REVISED JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 70MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per channel,
16kFFT, and 8 averages, unless otherwise noted.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 7.
Figure 8.
SNR vs INPUT FREQUENCY
SINAD vs INPUT FREQUENCY
Figure 9.
Figure 10.
SFDR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 11.
Figure 12.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS5273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com