Electronic Components Datasheet Search
  English  ▼

X  

ADS5273IPFP Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5273IPFP
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5273IPFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5273IPFP Datasheet HTML 18Page - Texas Instruments ADS5273IPFP Datasheet HTML 19Page - Texas Instruments ADS5273IPFP Datasheet HTML 20Page - Texas Instruments ADS5273IPFP Datasheet HTML 21Page - Texas Instruments ADS5273IPFP Datasheet HTML 22Page - Texas Instruments ADS5273IPFP Datasheet HTML 23Page - Texas Instruments ADS5273IPFP Datasheet HTML 24Page - Texas Instruments ADS5273IPFP Datasheet HTML 25Page - Texas Instruments ADS5273IPFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
REFERENCE CIRCUIT DESIGN
CLOCKING
REF
T
REF
B
I
SET
0.1
µF
2.2
µF
2
Ω
56.2k
Ω
2
Ω
2.2
µF
0.1
µF
ADS5273
ADS5273
SBAS305D – JANUARY 2004 – REVISED JANUARY 2009 .............................................................................................................................................. www.ti.com
The device also supports the use of external
reference voltages. This mode involves forcing REFT
The digital beam-forming algorithm relies on gain
and REFB externally. In this mode, the internal
matching across all receiver channels. For example,
reference buffer is tri-stated. Since the switching
a typical system has 12 octal ADCs on the board. In
current
for
the
eight
ADCs
comes
from
the
such a case, it is critical to ensure that the gain is
externally-forced references, it is possible for the
matched, essentially requiring the reference voltages
performance to be slightly less than when the internal
seen by all the ADCs to be the same. Matching
references are used. It should be noted that in this
references within the eight channels of a chip is done
mode, VCM and ISET continue to be generated from
by using a single internal reference voltage buffer.
the internal bandgap voltage, as in the internal
Trimming the reference voltages on each chip during
reference mode. Therefore, it is important to ensure
production
ensures
the
reference
voltages
are
that
the
common-mode
voltage
of
the
well-matched across different chips.
externally-forced
reference
voltages
matches
to
within 50mV of VCM. The state of the reference
All bias currents required for the internal operation of
voltages during various combinations of PD and
the device are set using an external resistor to
INT/EXT is shown in Table 1.
ground at the ISET pin. Using a 56.2kΩ resistor on ISET
generates an internal reference current of 20
µA. This
Table 1. State of Reference Voltages for Various
current is mirrored internally to generate the bias
Combinations of PD and INT/EXT
current for the internal blocks. Using a larger external
resistor at ISET reduces the reference bias current,
PD
0
0
1
1
and thereby scales down the device operating power.
INT/EXT
0
1
0
1
However, it is recommended that the external resistor
REFT
Tri-State
1.95V
Tri-State
Tri-State
be within 10% of the specified value of 56.2k
Ω so
REFB
Tri-State
0.95V
Tri-State
Tri-State
that the internal bias margins for the various blocks
are proper.
VCM
1.45V
1.45V
Tri-State(1)
Tri-State(1)
Buffering the internal bandgap voltage also generates
(1) Weak pull-down (approximately 5k
Ω) to ground.
a voltage called VCM, which is set to the midlevel of
REFT and REFB, and is accessible on a pin. It is
meant as a reference voltage to derive the input
common-mode in case the input is directly coupled. It
The eight channels on the chip operate from a single
can
also
be
used
to
derive
the
reference
ADCLK input. To ensure that the aperture delay and
common-mode voltage in the external reference
jitter are same for all the channels, a clock tree
mode.
network is used to generate individual sampling
clocks to each channel. The clock paths for all the
When using the internal reference mode, a 2
Ω
channels are matched from the source point all the
resistor should be added between the reference pins
way to the sample-and-hold amplifier. This ensures
(REFT and REFB) and the decoupling capacitor, as
that the performance and timing for all the channels
shown in Figure 37. If the device is used in the
are identical. The use of the clock tree for matching
external reference mode, this 2
Ω resistor is not
introduces an aperture delay, which is defined as the
required.
delay between the rising edge of ADCLK and the
actual instant of sampling. The aperture delays for all
the channels are matched to the best possible extent.
However, a mismatch of ±20ps (±3
σ) could exist
between the aperture instants of the eight ADCs
within the same chip. However, the aperture delays of
ADCs across two different chips can be several
hundred
picoseconds
apart.
Another
critical
specification is the aperture jitter that is defined as
the uncertainty of the sampling instant. The gates in
the clock path are designed to provide an rms jitter of
approximately 1ps.
Ideally, the input ADCLK should have a 50% duty
cycle. However, while routing ADCLK to different
components onboard, the duty cycle of the ADCLK
reaching the ADS5273 could deviate from 50%. A
smaller (or larger) duty cycle reduces the time
Figure 37. Internal Reference Mode
available for sample or hold phases of each circuit,
and is therefore not optimal. For this reason, the
22
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com