Electronic Components Datasheet Search
  English  ▼

X  

ADS5273IPFP Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS5273IPFP
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5273IPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5273IPFP Datasheet HTML 12Page - Texas Instruments ADS5273IPFP Datasheet HTML 13Page - Texas Instruments ADS5273IPFP Datasheet HTML 14Page - Texas Instruments ADS5273IPFP Datasheet HTML 15Page - Texas Instruments ADS5273IPFP Datasheet HTML 16Page - Texas Instruments ADS5273IPFP Datasheet HTML 17Page - Texas Instruments ADS5273IPFP Datasheet HTML 18Page - Texas Instruments ADS5273IPFP Datasheet HTML 19Page - Texas Instruments ADS5273IPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Input Frequency (MHz)
94
92
90
88
86
84
82
80
78
76
74
0
30
40
50
60
70
10
20
80
Input Frequency (MHz)
74
72
70
68
66
64
62
60
0
30
40
50
60
70
10
20
80
Input Amplitude (dBFS)
80
70
60
50
40
30
20
10
0
−60
−30
−20
−10
−50
−40
0
f
IN = 10MHz
dBFS
dBc
Input Amplitude (dBFS)
120
105
90
75
60
45
30
15
0
−60
−30
−20
−10
−50
−40
0
f
IN = 10MHz
dBFS
dBc
Input Amplitude (dBFS)
80
70
60
50
40
30
20
10
0
−60
−30
−20
−10
−50
−40
0
f
IN = 10MHz
dBFS
dBc
Input Amplitude (dBFS)
90
75
60
45
30
15
0
−60
−30
−20
−10
−50
−40
0
f
IN = 5MHz
dBFS
dBc
ADS5273
SBAS305D – JANUARY 2004 – REVISED JANUARY 2009 .............................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 70MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per channel,
16kFFT, and 8 averages, unless otherwise noted.
SINAD vs INPUT FREQUENCY
SFDR vs INPUT FREQUENCY
Figure 13.
Figure 14.
SWEPT POWER — SNR
SWEPT POWER — SFDR
Figure 15.
Figure 16.
SWEPT POWER — SINAD
SWEPT POWER — SNR
Figure 17.
Figure 18.
16
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com