Electronic Components Datasheet Search
  English  ▼

X  

AFE0064 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE0064
Description  64 Channel Analog Front End for Digital X-Ray Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE0064 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE0064 Datasheet HTML 7Page - Texas Instruments AFE0064 Datasheet HTML 8Page - Texas Instruments AFE0064 Datasheet HTML 9Page - Texas Instruments AFE0064 Datasheet HTML 10Page - Texas Instruments AFE0064 Datasheet HTML 11Page - Texas Instruments AFE0064 Datasheet HTML 12Page - Texas Instruments AFE0064 Datasheet HTML 13Page - Texas Instruments AFE0064 Datasheet HTML 14Page - Texas Instruments AFE0064 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AFE0064
www.ti.com ........................................................................................................................................................................................ SLAS672 – SEPTEMBER 2009
As explained before the device samples the integrator output twice, Reset sample ( SHR) and Signal sample
(SHS).
VOUTM = REFM + (VSHS – VSHR)
VOUTP = REFP – (VSHS – VSHR)
Case 2: (Integrator down mode, INTUPz = 1)
As explained before the device samples the integrator output twice, Reset sample ( SHR) and Signal sample
(SHS).
VOUTM = REFP + (VSHS – VSHR)
VOUTP = REFM – (VSHS – VSHR)
The differential output from the AFE0064 rejects common-mode noise from the board helping to maximize noise
performance of the system. The following table provides details of integrator feedback ranges, feedback
capacitor, and corresponding AFE0064 output at zero and full scale input charge.
Table 1. AFE0064 Range Selection to Device Analog Output Mapping
REFP
2.25
REFP-REFM
1.4
REFM
0.85
INTEGRATE UP MODE
INTEGRATE DOWN MODE
(INTUPz=0), e– counting
(INTUPz=1), hole+ counting
At 0 charge I/p
At FS charge I/p
At 0 charge I/p
At FS charge I/p
Typical FS
Int FB Cap= (Qr)/
Range
Charge Range
(REFP-REFM)
OUTP
OUTM
OUTP
OUTM
OUTP
OUTM
OUTP
OUTM
(Qr) pC
… pF
0
0.13
0.0929
1
0.25
0.1786
2
0.5
0.3571
3
1.2
0.8571
2.25
0.85
0.85
2.25
0.85
2.25
2.25
0.85
4
2.4
1.7143
5
4.8
3.4286
6
7.2
5.1429
7
9.6
6.8571
The following section provides detailed timing of data read. There are two output drivers. Data for channel
number 63 to 32 is available on output driver 1 and data for channel number 31 to 0 is available on output driver
0. Data from two drivers can be available simultaneously or sequentially depending on the status of pin
SMT_MD.
Figure 5. Device Data Read in Sequential Mode (SMT_MD = 0)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :AFE0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com