Electronic Components Datasheet Search
  English  ▼

X  

AFE0064 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE0064
Description  64 Channel Analog Front End for Digital X-Ray Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE0064 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE0064 Datasheet HTML 9Page - Texas Instruments AFE0064 Datasheet HTML 10Page - Texas Instruments AFE0064 Datasheet HTML 11Page - Texas Instruments AFE0064 Datasheet HTML 12Page - Texas Instruments AFE0064 Datasheet HTML 13Page - Texas Instruments AFE0064 Datasheet HTML 14Page - Texas Instruments AFE0064 Datasheet HTML 15Page - Texas Instruments AFE0064 Datasheet HTML 16Page - Texas Instruments AFE0064 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Additional
133 clocks
IRST
SHR
INTG
SHS
STI
CLK
TFT ON (t5)
~0.5
t1
t1
t1
t2
t3
t4
t6
t8
DATA READ
WAIT
EOC
t9
mSec
t - Scan
AFE0064
www.ti.com ........................................................................................................................................................................................ SLAS672 – SEPTEMBER 2009
Figure 7. Device Operation at Higher Scan Times (sequential mode shown, however the same is possible
for simultaneous mode)
As shown in Figure 7, a data read can be started by issuing a STI pulse after SHS and well before IRST. In this
case the device goes into a ‘wait’ state after the data read is complete. The device remains in this wait state until
it receives IRST and STI rising edges. Note that the clock can be stopped (or kept running) in the wait state
however it is necessary to provide an additional 133 or 33 clocks after IRST falling edge depending on sequential
or simultaneous mode selection respectively. It is recommended to stop the clock after the device receives 133
or 33 clocks depending on mode selection until the next STI pulse. This helps to get maximum SNR from the
device. However it is allowed to use a free running clock.
Cascading Two AFE0064 Devices to Scan 128 Channels:
It is possible to cascade two AFE0064 devices to scan 128 channels. This feature is useful for sequential mode
and allows the use of a 4 channel, multiplexed input ADC for two AFEs.
In that case, STO of device 1 is connected to STI of device 2. Other control pins (INTG, IRTS, SHR, SHS, CLK)
of both devices are connected to each other.
As shown in figure 8, STO falling edge is delayed by one clock from STI falling edge. (STO falling edge aligns
with first clock falling edge.) Device 2 data out starts with the second clock rising edge (the first CLK rising edge
after STI falling edge for device 2). Effectively, data from the four output drivers of the two devices is presented
on every rising edge in the following sequence:
Clock 1,5,9...: OUT-1 of Device 1
Clock 2,6,10...: OUT-1 of Device 2
Clock 3,7,11...: OUT-0 of Device 1
Clock 4,8,12...: OUT-0 of Device 2
Note this output sequence when connecting a multiplexed input ADC at a device output.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :AFE0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com