Electronic Components Datasheet Search
  English  ▼

X  

AFE4432 Datasheet(PDF) 7 Page - Texas Instruments

Part # AFE4432
Description  AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4432 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE4432 Datasheet HTML 2Page - Texas Instruments AFE4432 Datasheet HTML 3Page - Texas Instruments AFE4432 Datasheet HTML 4Page - Texas Instruments AFE4432 Datasheet HTML 5Page - Texas Instruments AFE4432 Datasheet HTML 6Page - Texas Instruments AFE4432 Datasheet HTML 7Page - Texas Instruments AFE4432 Datasheet HTML 8Page - Texas Instruments AFE4432 Datasheet HTML 9Page - Texas Instruments AFE4432 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5.3 Mechanical Data
www.ti.com
PACKAGE OUTLINE
C
B
1.83
1.77
A
1.945
1.885
0.365 MAX
0.125
0.065
1.4
TYP
1.4 TYP
0.35
TYP
0.35 TYP
25X
0.20
0.16
4227031/A 08/2021
DSBGA - 0.365 mm max height
YCH0025-C01
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
1
2
3
0.015
C A B
4
5
SYMM
SYMM
B
C
D
E
SCALE 8.000
www.ti.com
AFE4432
SBASAL9 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AFE4432



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com