Electronic Components Datasheet Search
  English  ▼

X  

AFE4432 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE4432
Description  AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4432 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE4432 Datasheet HTML 2Page - Texas Instruments AFE4432 Datasheet HTML 3Page - Texas Instruments AFE4432 Datasheet HTML 4Page - Texas Instruments AFE4432 Datasheet HTML 5Page - Texas Instruments AFE4432 Datasheet HTML 6Page - Texas Instruments AFE4432 Datasheet HTML 7Page - Texas Instruments AFE4432 Datasheet HTML 8Page - Texas Instruments AFE4432 Datasheet HTML 9Page - Texas Instruments AFE4432 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.0375 MIN
0.0375 MAX
25X ( 0.18)
(0.35) TYP
(0.35) TYP
( 0.18)
SOLDER MASK
OPENING
( 0.18)
METAL
4227031/A 08/2021
DSBGA - 0.365 mm max height
YCH0025-C01
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
C
1
2
3
4
5
A
B
D
E
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 40X
NON-SOLDER MASK
DEFINED
EXPOSED
METAL
SOLDER MASK
OPENING
SOLDER MASK
DEFINED
(PREFERRED)
METAL UNDER
SOLDER MASK
EXPOSED
METAL
AFE4432
SBASAL9 – AUGUST 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE4432



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com