Electronic Components Datasheet Search
  English  ▼

X  

AFE4432 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE4432
Description  AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4432 Datasheet(HTML) 1 Page - Texas Instruments

  AFE4432 Datasheet HTML 1Page - Texas Instruments AFE4432 Datasheet HTML 2Page - Texas Instruments AFE4432 Datasheet HTML 3Page - Texas Instruments AFE4432 Datasheet HTML 4Page - Texas Instruments AFE4432 Datasheet HTML 5Page - Texas Instruments AFE4432 Datasheet HTML 6Page - Texas Instruments AFE4432 Datasheet HTML 7Page - Texas Instruments AFE4432 Datasheet HTML 8Page - Texas Instruments AFE4432 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
1 Features
• Supports signal acquisition of up to 12 phase sets
• Supports up to 4 LEDs, 3 PDs
• Flexible allocation of LEDs, PDs in each phase
• Simultaneous signal acquisition from different
sensors at different data rates
• Accurate, continuous PPG monitoring:
– Low current for continuous heart-rate
monitoring on a wearable device with a typical
value: 12 μA for the receiver
– Peak system SNR of 115 dB in 0.5-10 Hz band
enables high-accuracy SpO2 measurement
• Transmitter:
– 8-Bit Programmable LED current with range
adjustable from 25 mA to 250 mA
– Mode to fire two LEDs in parallel with
independent per-phase current control
– Programmable LED on-time per-phase
– Simultaneous support of 4 LEDs for SpO2,
Multi-Wavelength HRM
• Receiver:
– Supports 3 Time-Multiplexed PD Inputs
– 2 parallel receivers (2 sets of TIA/filter)
– Individual ambient offset subtraction DAC at
each TIA Input with 8-bit per-phase control and
range adjustable up to 255-µA
– Individual LED offset subtraction DAC at each
TIA input with 9-bit per-phase control and 64-
µA range
– Digital ambient subtraction at ADC output
– Noise filtering with programmable bandwidth
– Transimpedance gain: 3.7 kΩ to 1 MΩ
• Supports external clock or internal oscillator
• Option to acquire data synchronized with a system
clock
• Automatic cancellation of DC from Ambient, LED
• FIFO with 160-sample depth
• SPI™ interface/ I2C interface
• 1.9-mm × 1.8-mm DSBGA, 0.35-mm Pitch
• Supplies: Rx:1.7 - 1.9 V, Tx: 3-5.5 V
2 Applications
• Optical Heart-Rate Monitoring (HRM) for
wearables, hearables
• Heart-Rate Variability (HRV)
• Pulse Oximetry (SpO2) measurements
3 Description
The AFE4432 is an analog front-end for optical bio-
sensing applications, such as heart-rate monitoring
(HRM) and saturation of peripheral capillary oxygen
(SpO2). The device supports up to 4 switching light-
emitting diodes (LEDs) and up to three photodiodes
(PDs). The AFE has two LED drivers each with 8-
bit current control. The device has a high dynamic
range transmit-and-receive circuitry that helps with
the sensing of very small signal levels. Up to 12
signal phase sets can be defined, each phase
set comprising a combination of LED and Ambient
phases. Low noise offset DACs at the receiver inputs
can be automatically controlled to cancel DC from
Ambient and LED light. The current from the PDs in
each phase is converted into voltage by TIAs, filtered,
and then digitized using a common ADC. The ADC
code can be stored in a 160-sample FIFO block. The
FIFO can be read out using a SPI or I2C interface.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
AFE4432
DSBGA (25)
1.80 mm x 1.92 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
TI Gray Alternate
TI Gray Alternate
M
U
X
LED_DRV1
LED_DRV2
TX4
TX3
TX2
TX1
INP1
INM1
INP2
INM2
INP3
INM3
ADC
Oscillator
256 kHz
Oscillator
4 MHz
CLK
SPI, I2C
ADC_RDY
GPIO
+
–
Rf1
Cf1
Rf1
Cf1
TIA1
AACM
Noise
Reduction
Filter
2 PPG RX Channels
TX_SUP
FIFO
SPI, I2C
Timing
Engine
Processing,
Decimation
Filters
TX_SUP
AFE4432
SBASAL9 – AUGUST 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFE4432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4432 TI-AFE4432 Datasheet
714Kb / 11P
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
AUGUST 2022
AFE4432YCHR TI-AFE4432YCHR Datasheet
714Kb / 11P
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
AUGUST 2022
AFE4432YCHT TI-AFE4432YCHT Datasheet
714Kb / 11P
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
AUGUST 2022
More results

Similar Description - AFE4432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4900 TI1-AFE4900 Datasheet
685Kb / 10P
Ultra-Low Power, Integrated AFE for Wearable Optical, Electrical Bio-Sensing With FIFO
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4500 TI-AFE4500 Datasheet
1Mb / 10P
AFE4500 Ultra-Small, Integrated AFE for Bio-Impedance Analysis, Electrical Biosensing and Optical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4460 TI-AFE4460 Datasheet
688Kb / 11P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
AFE4432 TI-AFE4432 Datasheet
714Kb / 11P
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com