Electronic Components Datasheet Search
  English  ▼

X  

LAD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # LAD
Description  Resin-cast sealed type, ideal for DIP type reed relays for printed circuit board mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LAD Datasheet(HTML) 1 Page - Omron Electronics LLC

  LAD Datasheet HTML 1Page - Omron Electronics LLC LAD Datasheet HTML 2Page - Omron Electronics LLC LAD Datasheet HTML 3Page - Omron Electronics LLC LAD Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B-241
LAD
L
A
D
拨动型微型继电器
■型号标准
■种类
LAD□□-□□□
① ②
③
①接点极数
②内部构造
1:1极
2:2极
无标记:标准型(带磁屏蔽)
U1 : 线圈浪涌吸收用二极管
S: 无磁屏蔽
无标记
: a接点
001 : 1c接点
③接点构成
用途举例
带磁
屏蔽
接点极数
接点构成
线圈额定电压
型号
1极
2极
型号
线圈额定电压
a接点
c接点
a接点
a接点
有
无
有
有
无
内藏
DC 5V
DC12V
DC24V
DC 5V
DC12V
DC24V
DC 5V
DC12V
DC24V
DC 5V
DC12V
DC24V
DC 5V
DC12V
DC24V
DC 5V
DC12V
DC24V
LAD1
LAD2
LAD2S
LAD1S
LAD1U1
LAD1-001
——
——
测量仪表
树脂铸造密封型,最适合印刷
基板实装用的DIP型簧片继电器
●可自动焊接、自动清洗
●子节距为IC、TTL同一形状的DIP型,
使印刷基板的设计更容易。且可以
实现IC、TTL的直接驱动
●备有带线圈反电动势(浪涌)吸收用
的保护二极管规格产品
二极管


Similar Part No. - LAD

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LAD-120 MEANWELL-LAD-120 Datasheet
956Kb / 6P
120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120A MEANWELL-LAD-120A Datasheet
956Kb / 6P
120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120B MEANWELL-LAD-120B Datasheet
956Kb / 6P
120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120C MEANWELL-LAD-120C Datasheet
956Kb / 6P
120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
LAD-120D MEANWELL-LAD-120D Datasheet
956Kb / 6P
120W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-09-23
More results

Similar Description - LAD

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MTB1100 BWTECH-MTB1100 Datasheet
140Kb / 4P
Ideal for printed circuit board.
logo
HY ELECTRONIC CORP.
GBU1506L HY-GBU1506L Datasheet
42Kb / 2P
Ideal for printed circuit board
GBJ606L HY-GBJ606L Datasheet
50Kb / 2P
Ideal for printed circuit board
logo
Suntan Capacitors
DB101 SUNTAN-DB101 Datasheet
357Kb / 2P
Ideal for printed circuit board
DB101S SUNTAN-DB101S Datasheet
390Kb / 2P
Ideal for printed circuit board
GBU4A SUNTAN-GBU4A Datasheet
874Kb / 2P
Ideal for printed circuit board
KBPC25005 SUNTAN-KBPC25005 Datasheet
539Kb / 2P
Ideal for printed circuit board
MB2S SUNTAN-MB2S Datasheet
418Kb / 2P
Ideal for printed circuit board
RS201 SUNTAN-RS201 Datasheet
390Kb / 2P
Ideal for printed circuit board
logo
Shanghai Leiditech Elec...
KBP301 LEIDITECH-KBP301 Datasheet
1Mb / 2P
Ideal for printed circuit board mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com