Electronic Components Datasheet Search
  English  ▼

X  

LM337 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM337
Description  Voltage Regulator - Adjustable Output, Negative
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337 Datasheet(HTML) 4 Page - ON Semiconductor

  LM337 Datasheet HTML 1Page - ON Semiconductor LM337 Datasheet HTML 2Page - ON Semiconductor LM337 Datasheet HTML 3Page - ON Semiconductor LM337 Datasheet HTML 4Page - ON Semiconductor LM337 Datasheet HTML 5Page - ON Semiconductor LM337 Datasheet HTML 6Page - ON Semiconductor LM337 Datasheet HTML 7Page - ON Semiconductor LM337 Datasheet HTML 8Page - ON Semiconductor LM337 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM337
www.onsemi.com
4
Figure 2. Load Regulation and DIAdj/Load Test Circuit
Figure 3. Standard Test Circuit
Figure 4. Ripple Rejection Test Circuit
VO (min Load) - VO (max Load)
Cin
1.0
mF
R2
1%
R1
120
CO +
RL
(max
Load)
Adjust
Vin
-VI
LM337
Vout
*Pulse testing required.
1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) - VO (max Load)
Load Regulation (% VO) =
x 100
IL
IAdj
1.0
mF
-VO (min Load)
-VO (max Load)
VO
RL
+
1.0
mF
CO
R1
120
1%
R2
Cin
Adjust
Vin
LM337
To Calculate R2:
R2 =
- 1
R1
This assumes IAdj is negligible.
* Pulse testing required.
* 1% Duty Cycle is suggested.
VI
IAdj
Vref
IL
VO
1.0
mF
Vout
RL
+
1.0
mF
CO
1N4002
D1*
Cin
1%
R2
Adjust
Vin
LM337
R1
120
14.3 V
4.3 V
f = 120 Hz
CAdj
+
Vout = -1.25 V
* D1 Discharges CAdj if output is shorted to Ground.
1.0
mF
10
mF
Vout
VO
*
VO (min Load)
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com