Electronic Components Datasheet Search
  English  ▼

X  

LM337 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM337
Description  Voltage Regulator - Adjustable Output, Negative
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337 Datasheet(HTML) 3 Page - ON Semiconductor

  LM337 Datasheet HTML 1Page - ON Semiconductor LM337 Datasheet HTML 2Page - ON Semiconductor LM337 Datasheet HTML 3Page - ON Semiconductor LM337 Datasheet HTML 4Page - ON Semiconductor LM337 Datasheet HTML 5Page - ON Semiconductor LM337 Datasheet HTML 6Page - ON Semiconductor LM337 Datasheet HTML 7Page - ON Semiconductor LM337 Datasheet HTML 8Page - ON Semiconductor LM337 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM337
www.onsemi.com
3
Representative Schematic Diagram
Figure 1. Line Regulation and DIAdj/Line Test Circuit
*
VOH
VOL
LineRegulation(% V)
+
|V
OL
–V
OH
|
|V
OH
|
x100
LM337
100
2.5k
2.0k
60
810
10k
15pF
800
220
5.0k
75
0
60k
100k
18k
800
4.0k
6.0k
1.0k
9.6k
3.0k
2.2k
100
18k
21k
270
100pF
5.0pF
240
2.0
pF
250
8.0k
20k
100k
5.0k
0.2
15
600
2.9k
4.0k
500
2.4k
15
155
0.05
Vin
500
Adjust
Vout
2.0k
25pF
15pF
Cin
1.0
mF
R2
1%
CO
+
RL
Adjust
Vin
Vout
R1
120
1%
VEE
*Pulse testing required.
1% Duty Cycle
is suggested.
1.0
mF
VIH
VIL
IAdj
This device contains 39 active transistors.
30k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com