Electronic Components Datasheet Search
  English  ▼

X  

LM337 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM337
Description  Voltage Regulator - Adjustable Output, Negative
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337 Datasheet(HTML) 1 Page - ON Semiconductor

  LM337 Datasheet HTML 1Page - ON Semiconductor LM337 Datasheet HTML 2Page - ON Semiconductor LM337 Datasheet HTML 3Page - ON Semiconductor LM337 Datasheet HTML 4Page - ON Semiconductor LM337 Datasheet HTML 5Page - ON Semiconductor LM337 Datasheet HTML 6Page - ON Semiconductor LM337 Datasheet HTML 7Page - ON Semiconductor LM337 Datasheet HTML 8Page - ON Semiconductor LM337 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
October, 2021 − Rev. 11
1
Publication Order Number:
LM337/D
Voltage Regulator -
Adjustable Output,
Negative
1.5 A
LM337
The LM337 is an adjustable 3−terminal negative voltage regulator
capable of supplying in excess of 1.5 A over an output voltage range of
−1.2 V to −37 V. This voltage regulator is exceptionally easy to use
and requires only two external resistors to set the output voltage.
Further, it employs internal current limiting, thermal shutdown and
safe area compensation, making it essentially blow−out proof.
The LM337 serves a wide variety of applications including local, on
card regulation. This device can also be used to make a programmable
output regulator, or by connecting a fixed resistor between the
adjustment and output, the LM337 can be used as a precision current
regulator.
Features
• Output Current in Excess of 1.5 A
• Output Adjustable between −1.2 V and −37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting Constant with Temperature
• Output Transistor Safe−Area Compensation
• Floating Operation for High Voltage Applications
• Eliminates Stocking many Fixed Voltages
• Available in Surface Mount D2PAK and Standard 3−Lead Transistor
Package
• These Devices are Pb−Free and are RoHS Compliant
Figure 1. Standard Application
Vout + –1.25V 1 )
R
2
R
1
*Cin is required if regulator is located more than 4 inches from power supply filter.
* A 1.0
mF solid tantalum or 10 mF aluminum electrolytic is recommended.
**CO is necessary for stability. A 1.0 mF solid tantalum or 10 mF aluminum electrolytic
** is recommended.
LM337
IPROG
Cin*
1.0
mF
+
-Vin
Vin
Vout
-Vout
CO**
1.0
mF
+
IAdj
R1
120
R2
THREE−TERMINAL
ADJUSTABLE NEGATIVE
VOLTAGE REGULATOR
TO−220AB
T SUFFIX
CASE 221AB
1
MARKING
DIAGRAMS
LM
337xx
AWLYWWG
Pin 1. Adjust
2. Vin
3. Vout
Heatsink surface
connected to Pin 2.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
xx
= BT, T
yyyy = BD2T, D2T
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW = Work Week
G= Pb−Free Package
D2PAK
D2T SUFFIX
CASE 936
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
LM
337yyyy
AWLYWWG


Similar Part No. - LM337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM337 STMICROELECTRONICS-LM337 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
Texas Instruments
LM337 TI-LM337 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Seme LAB
LM337 SEME-LAB-LM337 Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
More results

Similar Description - LM337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com