Electronic Components Datasheet Search
  English  ▼

X  

DAC7664 Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC7664
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC7664 Datasheet HTML 14Page - Texas Instruments DAC7664 Datasheet HTML 15Page - Texas Instruments DAC7664 Datasheet HTML 16Page - Texas Instruments DAC7664 Datasheet HTML 17Page - Texas Instruments DAC7664 Datasheet HTML 18Page - Texas Instruments DAC7664 Datasheet HTML 19Page - Texas Instruments DAC7664 Datasheet HTML 20Page - Texas Instruments DAC7664 Datasheet HTML 21Page - Texas Instruments DAC7664 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
18
TYPICAL CHARACTERISTICS: VSS = −5V (continued)
All specifications at TA = 25°C, IOVDD = VDD = VCC = +5V, VSS = −5V, representative unit, unless otherwise noted.
Figure 50
OVERSHOOT FOR TRANSITION OF 100 CODES
CODE 32750 to 32850
Time (1.0
µs/div)
Unfiltered DAC Output
100
Codes
DAC Output After
2K, 470pF Low−Pass Filter
Figure 51
OVERSHOOT FOR TRANSITION OF 100 CODES
CODE 32850 to 32750
Time (1.0
µs/div)
Unfiltered DAC Output
DAC Output After
2K, 470pF Low−Pass Filter
Figure 52
5
4
3
2
1
0
−1
−2
−3
−4
−5
0.01
0.1
1
10
100
R
LOAD (kΩ)
V
OUT vs RLOAD
Sink
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com