Electronic Components Datasheet Search
  English  ▼

X  

DAC7664 Datasheet(PDF) 25 Page - Texas Instruments

Part # DAC7664
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC7664 Datasheet HTML 21Page - Texas Instruments DAC7664 Datasheet HTML 22Page - Texas Instruments DAC7664 Datasheet HTML 23Page - Texas Instruments DAC7664 Datasheet HTML 24Page - Texas Instruments DAC7664 Datasheet HTML 25Page - Texas Instruments DAC7664 Datasheet HTML 26Page - Texas Instruments DAC7664 Datasheet HTML 27Page - Texas Instruments DAC7664 Datasheet HTML 28Page - Texas Instruments DAC7664 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
25
Table 2. Timing Specifications for Figure 57
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tRCS
CS low for read
150
ns
tRDS
R/W high to CS low
10
ns
tRDH
R/W high after CS high
10
ns
tDZ
CS high to data bus in high impedance
10
100
ns
tCSD
CS low to data bus valid
100
150
ns
tWCS
CS low for write
40
ns
tWS
R/W low to CS low
0
ns
tWH
R/W low after CS high
10
ns
tAS
Address valid to CS low
0
ns
tAH
Address valid after CS high
10
ns
tLS
CS low to LDAC high
30
ns
tLH
CS low after LDAC high
100
ns
tLX
LDAC high
100
ns
tDS
Data valid to CS low
0
ns
tDH
Data valid after CS low
10
ns
tLWD
LDAC low
100
ns
tSS
RSTSEL valid before RST high
0
ns
tSH
RSTSEL valid after RST high
200
ns
tRSS
RSTSEL low before RST high
10
ns
tRSH
RSTSEL low after RST high
10
ns
tS
Settling time
12
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com