Electronic Components Datasheet Search
  English  ▼

X  

DAC7664 Datasheet(PDF) 19 Page - Texas Instruments

Part # DAC7664
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC7664 Datasheet HTML 15Page - Texas Instruments DAC7664 Datasheet HTML 16Page - Texas Instruments DAC7664 Datasheet HTML 17Page - Texas Instruments DAC7664 Datasheet HTML 18Page - Texas Instruments DAC7664 Datasheet HTML 19Page - Texas Instruments DAC7664 Datasheet HTML 20Page - Texas Instruments DAC7664 Datasheet HTML 21Page - Texas Instruments DAC7664 Datasheet HTML 22Page - Texas Instruments DAC7664 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
19
THEORY OF OPERATION
The DAC7664 is a quad voltage output 16-bit DAC. The
architecture is an R−2R ladder configuration with the three
most significant bits (MSBs) segmented, followed by an
operational amplifier that serves as a buffer. Each DAC
has its own R−2R ladder network, segmented MSBs, and
output op amp, as shown in Figure 53. The minimum
voltage output (zero-scale) and maximum voltage output
(full-scale) are set by the internal voltage references and
the resistors associated with the output operational
amplifier.
The digital input is a 16-bit parallel word and the DAC input
registers offer readback capability. The converters can be
powered from either a single +5V supply or a dual
±5V
supply. The device offers a reset function that immediately
sets all DAC output voltages and DAC registers to
mid-scale (code 8000h) or to zero-scale, code 0000h. See
Figure 54 and Figure 55 for the basic operation of the
DAC7664.
R
2R
2R
2R
2R
2R
2R
2R
2R
2R
V
REFH
V
REFL
V
OUT
V
OUTS2
V
OUTS1
OFSR2
OFSR1
13K
Ω
13K
Ω
12K
Ω
13K
Ω
11K
Ω
100
Ω
Figure 53. DAC7664 Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com