Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8544 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 4Page - Texas Instruments DAC8544 Datasheet HTML 5Page - Texas Instruments DAC8544 Datasheet HTML 6Page - Texas Instruments DAC8544 Datasheet HTML 7Page - Texas Instruments DAC8544 Datasheet HTML 8Page - Texas Instruments DAC8544 Datasheet HTML 9Page - Texas Instruments DAC8544 Datasheet HTML 10Page - Texas Instruments DAC8544 Datasheet HTML 11Page - Texas Instruments DAC8544 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
0
5
10
15
20
25
−1
−0.8
−0.6 −0.4
−0.2
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Gain Error − mV
0
5
10
15
20
25
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Full Scale Error − mV
−64
−48
−32
−16
0
16
32
48
64
0
10000
20000
30000
40000
50000
60000
Digital Input Code
1
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1
0
10000
20000
30000
40000
50000
60000
Digital Input Code
−64
−48
−32
−16
0
16
32
48
64
−40
0
40
80
MAX Error
MIN Error
TA − Free-Air Temperature − 5C
110
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
0
40
80
TA − Free-Air Temperature − °C
Max
Max
Min
110
DAC8544
SLAS420A – MAY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
GAIN ERROR DISTRIBUTION
FULL SCALE ERROR DISTRIBUTION
(ACROSS MANY SAMPLES)
(ACROSS MANY SAMPLES)
Figure 5.
Figure 6.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs
vs
DIGITAL INPUT CODE
DIGITAL INPUT CODE
Figure 7.
Figure 8.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs
vs
TEMPERATURE
TEMPERATURE
Figure 9.
Figure 10.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com