Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8544 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 7Page - Texas Instruments DAC8544 Datasheet HTML 8Page - Texas Instruments DAC8544 Datasheet HTML 9Page - Texas Instruments DAC8544 Datasheet HTML 10Page - Texas Instruments DAC8544 Datasheet HTML 11Page - Texas Instruments DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments DAC8544 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
0.00
0.50
1.00
1.50
t − Time − 12 ms/div
VDD = VREF = 2.7 V
Output Loaded With
2 k
Ω and 200 pF to
GND
3.5
3
3.5
2.5
2
1.5
1
1.5
0.5
0
VDD = VREF = 2.7 V
Output Loaded With
2 k
Ω and 200 pF to
GND
t − Time − 12 ms/div
Large Signal
98
96
94
92
90
88
86
84
0
500
1 k
1.5 k
2 k
2.5 k
3 k
3.5 k
4 k
4.5 k
Output Frequency − Hz
VDD = VREF
−1 dB FSR Digital Input, FS = 52 Ksps
Measurement Bandwidth = 20 kHz
VDD = 5 V
VDD = 2.7 V
0
500
1 k
1.5 k
2 k
2.5 k
3 k
3.5 k
4 k
Output Frequency − Hz
VDD = VREF = 5 V
FS = 52 Ksps −1 dB FSR Digital Input
Measurement Bandwidth = 20 kHz
THD
3rd Harmonic
2nd Harmonic
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
t − Time − 2 ms/div
Small-Signal Settling
Trigger Signal
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
0
500
1 k
1.5 k
2 k
2.5 k
3 k
3.5 k
4 k
Output Frequency − Hz
VDD = VREF = 2.7 V
FS = 52 Ksps, −1 dB FSR Digital Input
Measurement Bandwidth = 20 kHz
THD
3rd Harmonic
2nd Harmonic
DAC8544
SLAS420A – MAY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
FULL-SCALE SETTLING TIME
HALF-SCALE SETTLING TIME
Figure 23.
Figure 24.
SIGNAL-TO-NOISE
TOTAL HARMONIC DISTORTION
vs
vs
OUTPUT FREQUENCY
OUTPUT FREQUENCY
Figure 25.
Figure 26.
TOTAL HARMONIC DISTORTION
FULL-SCALE SETTLING TIME
vs
(SMALL-SIGNAL POSITIVE-GOING STEP)
OUTPUT FREQUENCY
Figure 27.
Figure 28.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com